전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM29U64000T 데이터시트(PDF) 10 Page - Samsung semiconductor

부품명 KM29U64000T
상세설명  8M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM29U64000T 데이터시트(HTML) 10 Page - Samsung semiconductor

Back Button KM29U64000T Datasheet HTML 6Page - Samsung semiconductor KM29U64000T Datasheet HTML 7Page - Samsung semiconductor KM29U64000T Datasheet HTML 8Page - Samsung semiconductor KM29U64000T Datasheet HTML 9Page - Samsung semiconductor KM29U64000T Datasheet HTML 10Page - Samsung semiconductor KM29U64000T Datasheet HTML 11Page - Samsung semiconductor KM29U64000T Datasheet HTML 12Page - Samsung semiconductor KM29U64000T Datasheet HTML 13Page - Samsung semiconductor KM29U64000T Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
KM29U64000T, KM29U64000IT
FLASH MEMORY
10
NAND Flash Technical Notes (Continued)
Program Flow Chart
Start
SR. 6 = 1 ?
Write 00H
SR. 0 = 0 ?
No
*
If ECC is used, this verification
Write 80H
Write Address
Write Data
Write 10H
Write 70H
Write Address
Wait for tR Time
Verify Data
No
Program Completed
or R/B = 1 ?
Program Error
Yes
No
Yes
*
Program Error
Yes
: If program operation results in an error, map out
the block including the page in error and copy the
target data to another block.
*
operation is not needed.
Error in write or read operation
Over its life time, the additional invalid blocks may occur. Through the tight process control and intensive testing, Samsung mini-
mizes the additional block failure rate, which is projected below 0.1% up until 1million program/erase cycles. Refer to the qualification
report for the actual data.The following possible failure modes should be considered to implement a highly reliable system.
Failure Mode
Detection and Countermeasure sequence
Write
Erase Failure
Status Read after Erase --> Block Replacement
Program Failure
Status Read after Program --> Block Replacement
Read back ( Verify after Program) --> Block Replacement
or ECC Correction
Read
Single Bit Failure
Verify ECC -> Block Replacement or ECC Correction
ECC
: Error Correcting Code --> Hamming Code etc.
Example) 1bit correction & 2bit detection


유사한 부품 번호 - KM29U64000T

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM29U128IT SAMSUNG-KM29U128IT Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results

유사한 설명 - KM29U64000T

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0M-TCB0 SAMSUNG-K9F6408U0M-TCB0 Datasheet
480Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V64001T SAMSUNG-KM29V64001T Datasheet
1Mb / 24P
   8M X 8 BIT NAND FLASH MEMORY
KM29V64001TS SAMSUNG-KM29V64001TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLASH MEMORY
K9F6408U0C SAMSUNG-K9F6408U0C Datasheet
784Kb / 30P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
KM29V64000TS SAMSUNG-KM29V64000TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLSH MEMORY
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com