전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF13508M 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LF13508M
상세설명  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13508M 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button LF13508M Datasheet HTML 3Page - National Semiconductor (TI) LF13508M Datasheet HTML 4Page - National Semiconductor (TI) LF13508M Datasheet HTML 5Page - National Semiconductor (TI) LF13508M Datasheet HTML 6Page - National Semiconductor (TI) LF13508M Datasheet HTML 7Page - National Semiconductor (TI) LF13508M Datasheet HTML 8Page - National Semiconductor (TI) LF13508M Datasheet HTML 9Page - National Semiconductor (TI) LF13508M Datasheet HTML 10Page - National Semiconductor (TI) LF13508M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Applications
DATA ACQUISITION SYSTEM
A SIMPLIFIED SYSTEM DISCUSSION
Analog multiplexers (MUX) are usually used for multi-chan-
nel Data Acquisition Units (DAU)
Figure 5 shows a system
in which 8 different analog inputs are sampled and convert-
ed into digital words for further processing The sample and
hold circuit is optional depending on input speed require-
ments and on AD converter speed
Parameters characterizing the system are
System Channels
The number of multiplexer channels
Accuracy
The conversion accuracy of each individual sam-
ple with the system operating at the throughput rate
Speed or Throughput Rate
Number of samplessecond
channel the system can handle
For a discussion on system structure addressing mode and
processor interfacing see application note AN-159
A ACCURACY CONSIDERATIONS
1 Multiplexer’s Influence on System Accuracy
(Figure 6)
a The error (E) caused by the finite ‘‘ON’’ resist-
ance RON of the multiplexing switches is given
by
E(%) e
100
1 a RIN (RON a RS a DRON)
where
RIN e following stage input impedance
D
RON e ‘‘ON’’ resistance modulation which is
negligible for JFET switches like the LF11508
Example Let RON e 450 X DRON e 0 RS e 0 TA
e
25 C and allowable E e 001% which is equivalent
to 12 LSB in a 12-bit system
RIN
min
e
RON(100 b E)
E
e
45 MX
Note that if temperature effects are included some
gain (or full scale) drift will occur but effects on linearity
are small
b Multiplexer settling time (ts)
ts(ON) is the time required for the MUX output to
settle within a predetermined accuracy
as
shown in Table I
CS (Figure 6) MUX output capacitance a fol-
lowing stage input capacitance a any stray ca-
pacitance at this node
TABLE I
ERROR %
BITS
ts(ON)
TO 12 LSB
02
8
62t
005
10
76t
001
12
9t
00008
16
118t
t e CS (RON a RS)
ll RIN
ts(OFF) is the time it takes to discharge CS within
a tolerable error The ‘‘OFF’’ settling time should
be taken into account for bipolar inputs where its
effects will appear as a worse case of doubling
of the ts(ON)
2 Sample and Hold Influence on System Accuracy
The sample and hold if used also introduces errors into
the system accuracy due to
 Offset voltage of sample and hold
 Droop rate in the Hold mode
 TA Aperture time or time delay between the time of a
digital Hold command and the actual Hold occurance
 Taq Acquisition time or time it takes to acquire an
analog input and settle within a predetermined error
band
 Hold step Error created during the Sample to Hold
mode caused by an undesirable charge injected into
the Hold capacitor Ch
For more details on sample and hold errors see the
LF198LF298LF398 data sheet
3 AD Converter Influence on System Accuracy
The ‘‘accuracy’’ of the AD converter is the best possible
system accuracy In most data acquisition systems the
AD converter is the most expensive single component
so its error will often dominate system error Care should
be taken that MUX SH and input source errors do not
exceed system error requirements when
added to AD
errors For instance if an 8-bit accuracy system is desired
and an 8-bit AD converter is used the accuracy of the
MUX and SH should be far better than 8 bits
For details on AD converter specifications see AN-156
TLH5668 – 13
FIGURE 5 Random-Addressed Multiplexed DAU
FIGURE 6 8-Channel MUX
7


유사한 부품 번호 - LF13508M

제조업체부품명데이터시트상세설명
logo
Hirose Electric
LF13-WBJ-11P HIROSE-LF13-WBJ-11P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-11S HIROSE-LF13-WBJ-11S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12P HIROSE-LF13-WBJ-12P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-12S HIROSE-LF13-WBJ-12S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
LF13-WBJ-20P HIROSE-LF13-WBJ-20P Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
More results

유사한 설명 - LF13508M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com