전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX2245 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74VCX2245
상세설명  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX2245 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74VCX2245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX2245 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
DC Output Voltage (VO)
Outputs 3-STATE
0.5V to 4.6V
Outputs Active (Note 5)
0.5V to VCC  0.5V
DC Input Diode Current (IIK) VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
VO ! VCC
50 mA
DC Output Source/Sink Current
r50 mA
(IOH/IOL)
DC VCC or Ground Current
r100 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Supply Voltage (VCC)
Operating
1.4V to 3.6V
Input Voltage
0.3V to 3.6V
Output Voltage (VO)
Output in Active States
0V to VCC
Output in 3-STATE
0V to 3.6V
Output Current in IOH/IOL - A Outputs
VCC 3.0V to 3.6V
r 24 mA
VCC 2.3V to 2.7V
r 18 mA
VCC 1.65V to 2.3V
r 6 mA
VCC 1.4V to 1.65V
r 2 mA
Output Current in IOH/IOL - B Outputs
VCC 3.0V to 3.6V
r 12 mA
VCC 2.3V to 2.7V
r 8 mA
VCC 1.65V to 2.3V
r 3 mA
VCC 1.4V to 1.65V
r 1 mA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7 - 3.6
2.0
V
2.3 - 2.7
1.6
1.65 - 2.3
0.65 x VCC
1.4 - 1.6
0.65 x VCC
VIL
LOW Level Input Voltage
2.7 - 3.6
0.8
V
2.3 - 2.7
0.7
1.65 - 2.3
0.35 x VCC
1.4 - 1.6
0.35 x VCC
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7 - 3.6
VCC - 0.2
V
A Outputs
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
IOH 100 PA
2.3 - 2.7
VCC - 0.2
IOH 6 mA
2.3
2.0
IOH 12 mA
2.3
1.8
IOH 18 mA
2.3
1.7
IOH 100 PA
1.65 - 2.3
VCC - 0.2
IOH 8 mA
1.65
1.25
IOH 100 PA
1.4 - 1.6
VCC - 0.2
IOH 2 mA
1.4
1.05


유사한 부품 번호 - 74VCX2245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX2245MTC FAIRCHILD-74VCX2245MTC Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX2245WM FAIRCHILD-74VCX2245WM Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
More results

유사한 설명 - 74VCX2245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74LCXR162245 FAIRCHILD-74LCXR162245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com