전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX2245MTCX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74VCX2245MTCX
상세설명  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX2245MTCX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VCX2245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74VCX2245MTCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL,CL 30 pF, VIH VCC, VIL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Peak VOL,
CL 30 pF, VIH VCC, VIL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOLV
Quiet Output Dynamic Valley VOL,
CL 30 pF, VIH VCC, V IL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Valley, VOL,CL 30 pF, VIH VCC, V IL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOHV
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.3
V
B to A
2.5
1.7
3.3
2.0
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.5
V
A to B
2.5
2.0
3.3
2.5
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
6
pF
CI/O
Input/Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20
pF


유사한 부품 번호 - 74VCX2245MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX2245MTC FAIRCHILD-74VCX2245MTC Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
More results

유사한 설명 - 74VCX2245MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74LCXR162245 FAIRCHILD-74LCXR162245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com