전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78L15AZTA 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 KA78L15AZTA
상세설명  3-Terminal 0.1A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78L15AZTA 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button KA78L15AZTA Datasheet HTML 5Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 6Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 7Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 8Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 9Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 10Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 11Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 12Page - Fairchild Semiconductor KA78L15AZTA Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
KA78LXXA/KA78L05AA
9
Electrical Characteristics(KA78L18A) (Continued)
(VI = 27V, IO = 40mA, 0
°C ≤ TJ ≤ 125°C, CI = 0.33 µF, CO = 0.1µF, unless otherwise specified. (Note1)
Note:
1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests.
2. Power dissipation PD
≤ 0.75W.
Parameter
Symbol
Conditions
Min. Typ. Max.
Unit
Output Voltage
VO
TJ = 25
°C
17.3
18
18.7
V
Line Regulation (Note1)
∆VO
TJ = 25
°C
21V
≤ VI ≤ 33V
-
145
300
mV
22V
≤ VI ≤ 33V
-
135
250
mV
Load Regulation (Note1)
∆VO
TJ = 25
°C
1mA
≤ IO≤100mA
-
30
170
mV
1mA
≤ IO ≤ 40mA
-
15
85
mV
Output Voltage
VO
21V
≤ VI ≤ 33V 1mA ≤ IO ≤ 40mA
17.1
-
18.9
V
21V
≤ VI
VMAX (Note 2)
1mA
≤ IO ≤ 70mA
17.1
-
18.9
V
Quiescent Current
IQ
TJ = 25
°C-
2.2
6.0
mA
Quiescent Current
Change
With Line
∆IQ
21V
≤ VI ≤ 33V
-
-
1.5
mA
With Load
∆IQ
1mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100kHz
-
150
-
µV/Vo
Temperature Coefficient of VO
∆VO/∆TIO = 5mA
-
-1.8
-
mV/
°C
Ripple Rejection
RR
f = 120Hz, 23V
≤ VI ≤ 33V, TJ = 25°C34
48
-
dB
Dropout Voltage
VD
TJ = 25
°C-
1.7
-
V


유사한 부품 번호 - KA78L15AZTA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78L15AZTA FAIRCHILD-KA78L15AZTA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
KA78L15AZTA FAIRCHILD-KA78L15AZTA Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator Short Circuit Current Limiting
KA78L15AZTA FAIRCHILD-KA78L15AZTA Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
More results

유사한 설명 - KA78L15AZTA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com