전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV312M64 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MTV312M64
상세설명  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MTV312M64 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV312M64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.95)
8051 Embedded Monitor Controller
Flash Type with ISP
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 0.95
- 1 -
2001/07/03
FEATURES
8051 core, 12MHz operating frequency with double CPU clock option.
0.35uM process; 5V/3.3V power supply and I/O; 3.3V core operating.
1024-byte RAM; 64K-byte program Flash-ROM support In System Programming (ISP).
Maximum 14 channels of PWM DAC.
Maximum 31 I/O pins.
SYNC processor for composite separation/insertion, H/V polarity/frequency check and polarity adjustment.
Built-in low power reset circuit.
Built-in self-test pattern generator with four free-running timings.
Compliant with VESA DDC1/2B/2Bi/2B+ standard.
Dual slave IIC addresses; H/W auto transfer DDC1/DDC2x data.
Single master IIC interface for internal device communication.
Maximum 4-channel 6-bit ADC.
Watchdog timer with programmable interval.
40-pin DIP, 42-pin SDIP or 44-pin PLCC package.
GENERAL DESCRIPTIONS
The MTV312M micro-controller is an 8051 CPU core embedded device especially tailored to CRT/LCD
Monitor applications. It includes an 8051 CPU core, 1024-byte SRAM, 14 built-in PWM DACs, VESA DDC
interface, 4-channel A/D converter, and a 64K-byte internal program Flash-ROM.
BLOCK DIAGRAM
AUXRAM &
DDCRAM
DDC & IIC
INTERFACE
ADC
AD0-3
PWM DAC
DA0-13
XFR
P0.0-7
P2.0-3
RD
WR
ALE
INT1
P0.0-7
P2.0-3
RD
WR
ALE
INT1
8051
CORE
P1.0-7
P3.0-2
P3.4-5
P6.0-7
RST
X1
X2
P5.0-6
ISCL
ISDA
HSCL
HSDA
HSYNC
VSYNC
HBLANK
VBLANK
H/VSYNC
CONTROL
AUX
I/O
P4.0-2


유사한 부품 번호 - MTV312M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MS64 ETC1-MTV312MS64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MV64 ETC1-MTV312MV64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

유사한 설명 - MTV312M64

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com