부품명
         상세내용
NSS35200CF8T1G

 High Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications ( 6 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
NSS35200CF8T1G
http://onsemi.com
4
VCE, (Vdc)
Figure 7. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
225
125
100
75
25
0
15
5.0
10
50
200
175
150
30
20
25
35
Figure 8. Safe Operating Area
0.01
0.10
1.00
10
0.10
1
10
100
1 ms
Thermal Limits
100 ms
1 s
10 ms
0.01
0.1
1
10
100
1000
D = 0.50
Single Pulse
D = 0.01
D = 0.20
D = 0.05
D = 0.10
t1, TIME (Sec)
Figure 9. Normalized Thermal Response
P(pk)
Duty Cycle = D = t1/t2
qJC = 174°C/W
t1
t2
1  2  3  4  5  6 



관련 부품명

부품명상세내용Html View제조사
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
MMBT489LT1High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
NSL12AWHigh Current Surface Mount PNP Silicon Low VCE sat Transistor for Battery Operated Applications 1 2 3 4 ON Semiconductor
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreMotorola, Inc
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N3209CSMHIGH SPEED PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
2N3637CSMPNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreON Semiconductor

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl