전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NVSL119AT-H1 데이터시트(PDF) 10 Page - NICHIA CORPORATION

부품명 NVSL119AT-H1
상세설명  SPECIFICATIONS FOR WARM WHITE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHIA [NICHIA CORPORATION]
홈페이지  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSL119AT-H1 데이터시트(HTML) 10 Page - NICHIA CORPORATION

Back Button NVSL119AT-H1 Datasheet HTML 6Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 7Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 8Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 9Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 10Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 11Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 12Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 13Page - NICHIA CORPORATION NVSL119AT-H1 Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NICHIA STS-DA1-1320C <Cat.No.111031>
9
DERATING CHARACTERISTICS
NVSx119A-Hx
STS-DA7-0118A
管理番号
No.
Derating1
0
500
1000
1500
2000
0
20
406080
100
120
(71, 1500)
(18, 1500)
(0, 1220)
(100, 952)
(100, 571)
(100, 408)
Derating2
0
500
1000
1500
2000
0
2040
6080
100
120
(91, 1500)
(100, 1280)
Duty
100
1000
10000
1
10
100
1500
2000
カソード側はんだ接合部温度-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
カソード側はんだ接合部温度
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
TA=25°C
15°C/W
25°C/W
35°C/W
θJA
R
=
θJA
R
=
θJA
R
=


유사한 부품 번호 - NVSL119AT-H1

제조업체부품명데이터시트상세설명
logo
NICHIA CORPORATION
NVSL119AT-H3 NICHIA-NVSL119AT-H3 Datasheet
327Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
More results

유사한 설명 - NVSL119AT-H1

제조업체부품명데이터시트상세설명
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com