전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C654IJ68 데이터시트(PDF) 2 Page - Exar Corporation

부품명 ST16C654IJ68
상세설명  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654IJ68 데이터시트(HTML) 2 Page - Exar Corporation

  ST16C654IJ68 Datasheet HTML 1Page - Exar Corporation ST16C654IJ68 Datasheet HTML 2Page - Exar Corporation ST16C654IJ68 Datasheet HTML 3Page - Exar Corporation ST16C654IJ68 Datasheet HTML 4Page - Exar Corporation ST16C654IJ68 Datasheet HTML 5Page - Exar Corporation ST16C654IJ68 Datasheet HTML 6Page - Exar Corporation ST16C654IJ68 Datasheet HTML 7Page - Exar Corporation ST16C654IJ68 Datasheet HTML 8Page - Exar Corporation ST16C654IJ68 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ST16C654/654D
5-66
Rev. 4.10
Figure 1, Package Descriptions
100 Pin QFP Package
64 Pin TQFP Package
68 Pin PLCC Package
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
-RXRDYB
-CDB
-RIB
RXB
CLKSEL
16/-68
A2
A1
A0
XTAL1
XTAL2
MIDICLK
RESET
-RXRDY
-TXRDY
GND
RXC
-RIC
-CDC
-RXRDYC
-RXRDYA
-CDA
-RIA
RXA
GND
D7
D6
D5
D4
D3
D2
D1
D0
INTSEL
VCC
RXD
-RID
-CDD
-RXRDYD
-TXRDYD
ST16C654CQ100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
-DSRA
-CTSA
-DTRA
VCC
-RTSA
INTA
-CSA
TXA
-IOW
-TXB
-CSB
INTB
-RTSB
GND
-DTRB
-CTSB
-DSRD
-CTSD
-DTRD
GND
-RTSD
INTD
-CSD
TXD
-IOR
TXC
-CSC
INTC
-RTSC
VCC
-DTRC
-CTSC
ST16C654CQ64
ST16C654DCQ64
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
-DSRA
-CTSA
-DTRA
VCC
-RTSA
-IRQ
-CS
TXA
R/-W
TXB
A3
N.C.
-RTSB
GND
-DTRB
-CTSB
-DSRB
-DSRD
-CTSD
-DTRD
GND
-RTSD
N.C.
N.C.
TXD
N.C.
TXC
A4
N.C.
-RTSC
VCC
-DTRC
-CTSC
-DSRC
ST16C654CJ68
68 MODE


유사한 부품 번호 - ST16C654IJ68

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C654IJ68 EXAR-ST16C654IJ68 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IJ68 EXAR-ST16C654IJ68 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

유사한 설명 - ST16C654IJ68

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com