전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP1495S 데이터시트(PDF) 15 Page - Monolithic Power Systems

부품명 MP1495S
상세설명  High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1495S 데이터시트(HTML) 15 Page - Monolithic Power Systems

Back Button MP1495S Datasheet HTML 9Page - Monolithic Power Systems MP1495S Datasheet HTML 10Page - Monolithic Power Systems MP1495S Datasheet HTML 11Page - Monolithic Power Systems MP1495S Datasheet HTML 12Page - Monolithic Power Systems MP1495S Datasheet HTML 13Page - Monolithic Power Systems MP1495S Datasheet HTML 14Page - Monolithic Power Systems MP1495S Datasheet HTML 15Page - Monolithic Power Systems MP1495S Datasheet HTML 16Page - Monolithic Power Systems MP1495S Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP1495S
– SYNCHRONOUS STEP-DOWN CONVERTER
MP1495S Rev. 1.0
www.MonolithicPower.com
15
12/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP1495S
C1
0.1
μF
C1A
22
μF
C6
0.1
μF
R5
100k
R6
12.7k
R4
100k
R3
10
C4
0.1
μF
L1
4.7
μH
C2A
22
μF
C2
22
μF
C5
1nF
R7
33k
R1
40.2k
R2
7.68k
C3
15pF
5V/3A
U1
VIN
VCC
AAM
EN
VOUT
GND
GND
Figure 7: 12VIN, 5V/3A Output
MP1495S
C1
0.1
μF
C1A
22
μF
C6
0.1
μF
R5
100k
R6
11.3k
R4
100k
R3
10
C4
0.1
μF
L1
4.7
μH
C2A
22
μF
C2
22
μF
C5
1nF
R7
33k
R1
40.2k
R2
13k
C3
15pF
3.3V/3A
U1
VIN
VCC
AAM
EN
VOUT
GND
GND
Figure 8: 12VIN, 3.3V/3A Output
MP1495S
C1
0.1
μF
C1A
22
μF
C6
0.1
μF
R5
100k
R6
10k
R4
100k
R3
10
C4
0.1
μF
L1
3.3
μH
C2A
22
μF
C2
22
μF
C5
1nF
R7
33k
R1
40.2k
R2
19.1k
C3
15pF
2.5V/3A
U1
VIN
VCC
AAM
EN
VOUT
GND
GND
Figure 9: 12VIN, 2.5V/3A Output


유사한 부품 번호 - MP1495S

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1495DJ MPS-MP1495DJ Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results

유사한 설명 - MP1495S

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com