전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP2141N 데이터시트(PDF) 13 Page - Monolithic Power Systems

부품명 MP2141N
상세설명  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141N 데이터시트(HTML) 13 Page - Monolithic Power Systems

Back Button MP2141N Datasheet HTML 9Page - Monolithic Power Systems MP2141N Datasheet HTML 10Page - Monolithic Power Systems MP2141N Datasheet HTML 11Page - Monolithic Power Systems MP2141N Datasheet HTML 12Page - Monolithic Power Systems MP2141N Datasheet HTML 13Page - Monolithic Power Systems MP2141N Datasheet HTML 14Page - Monolithic Power Systems MP2141N Datasheet HTML 15Page - Monolithic Power Systems MP2141N Datasheet HTML 16Page - Monolithic Power Systems MP2141N Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2141N
– 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA I
Q
MP2141N Rev. 1.12
www.MonolithicPower.com
13
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP2141N uses constant-on-time control
with an input voltage feed-forward to stabilize
the switching frequency over the full input range.
It achieves 1A of continuous output current from
a
2.3V-to-5.5V
input
voltage
range
with
excellent load and line regulation. The output
voltage can be regulated as low as 0.6V.
Constant-on-Time Control
Compared to fixed-frequency PWM control,
constant-on-time control offers a simpler control
loop and a faster transient response. By using
an input voltage feed-forward, the MP2141N
maintains a nearly constant switching frequency
across the input and output voltage ranges. The
switching pulse on time can be estimated with
Equation (1):
OUT
ON
IN
V
T
0.454 s
V
(1)
To prevent inductor current runaway during the
load transient, the MP2141N uses a fixed
minimum off time of 60ns.
Sleep Mode Operation
The MP2141N features sleep mode to achieve
high efficiency at extremely light loads. In sleep
mode, most of the circuit blocks are turned off
except the error amplifier and
the
PWM
comparator. Therefore, the operation current is
reduced to a minimal value (see Figure 2).
Bias
&
Voltage
Reference
0.6V
FB
+
+
-
FBCOMP
Soft start
E.A.
+
-
+
Ramp
generator
SW
Lo-Iq
Lo-Iq
Figure 2: Operation Blocks at Sleep Mode
When the load becomes lighter, the output
voltage ripple is bigger and drives the error
amplifier output (EAO) lower. When the EAO
hits an internal low threshold, it clamps at that
level, and the MP2141N enters sleep mode.
During sleep mode, the valley of the FB voltage
is regulated to the internal reference voltage,
making the average output voltage slightly
higher than the output voltage at DCM or CCM.
The on-time pulse at sleep mode is around 40%
larger than that in DCM or CCM. Figure 3
shows the average FB voltage relationship with
the internal reference at sleep mode.
FB
Vref
Average FB
Figure 3: FB Average Voltage at Sleep Mode
When the MP2141N is in sleep mode, the
average output voltage is higher than the
internal reference voltage. The EAO is kept low
and clamped in sleep mode. When the load
increases,
the
PWM
switching
period
decreases to keep the output voltage regulated,
and the output voltage ripple decreases as well.
Once the EAO is higher than the internal low
threshold, the MP2141N exits sleep mode and
enters DCM or CCM depending on the load. In
DCM or CCM, the EAO regulates the average
output voltage to the internal reference (see
Figure 4).
FB+ Ramp
EA out
Average FB= REF
Figure 4: DCM Control
There is always a loading hysteresis when
entering sleep mode and exiting sleep mode
due to the error amplifier clamping response
time.
AAM Operation at Light-Load Operation
The
MP2141N
uses
an
advanced
asynchronous modulation (AAM) power-save
mode with a zero-current cross detection (ZCD)
circuit for light loads.
The MP2141N uses AAM power-save mode in
light loads (see Figure 5). The AAM current
(IAAM) is set internally. The SW on pulse time is
decided by an on-time generator and AAM
comparator. At light-load condition, SW on
pulse time is stretched. The AAM comparator
pulse is longer than the on-time generator. The
mode of operation is shown below in Figure 6.


유사한 부품 번호 - MP2141N

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
More results

유사한 설명 - MP2141N

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com