전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV8537 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 NCV8537
상세설명  High Accuracy Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button NCV8537_17 Datasheet HTML 4Page - ON Semiconductor NCV8537_17 Datasheet HTML 5Page - ON Semiconductor NCV8537_17 Datasheet HTML 6Page - ON Semiconductor NCV8537_17 Datasheet HTML 7Page - ON Semiconductor NCV8537_17 Datasheet HTML 8Page - ON Semiconductor NCV8537_17 Datasheet HTML 9Page - ON Semiconductor NCV8537_17 Datasheet HTML 10Page - ON Semiconductor NCV8537_17 Datasheet HTML 11Page - ON Semiconductor NCV8537_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV8537
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS − 5 V
(Vout = 5.0 V typical, Vin = 5.4 V, TA = −40°C to +125°C, unless otherwise noted, Note 10)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (Accuracy) Vin
Vin = 5.4 V to 7.3 V, Iload = 0.1 mA to 500 mA, TA = 25°C
Vout
−0.90%
4.955
5
0.90%
5.045
V
Output Voltage (Accuracy)
Vin = 5.4 V to 7.3 V, Iload = 0.1 mA to 500 mA, TA = 0°C to +85°C
Vout
−1.40%
4.93
5
1.40%
5.07
V
Output Voltage (Accuracy)
Vin = 5.4 V to 7.3 V, Iload = 0.1 mA to 500 mA, TA = −40°C to +125°C
Vout
−1.50%
4.925
5
1.50%
5.075
V
Line Regulation
Vin = 5.4 V to 12 V, Iload = 0.1 mA
LineReg
0.04
mV/V
Load Regulation
Vin = 5.4 V, Iload = 0.1 mA to 500 mA
LoadReg
0.04
mV/mA
Dropout Voltage
Iload = 500 mA
Iload = 300 mA
Iload = 50 mA
Iload = 0.1 mA
VDO
340
230
110
10
mV
Peak Output Current (See Figure 14)
Ipk
500
700
830
mA
Short Output Current (See Figure 14) Vin < 7 V, TA = 25°C
Isc
930
mA
Thermal Shutdown / Hysteresis
TJ
160/10
°C
Ground Current
In Regulation
Iload = 500 mA (Note 10)
Iload = 300 mA
Iload = 50 mA
Iload = 0.1 mA
In Dropout
Vin = 3.2 V, Iload = 0.1 mA
In Shutdown
VSD = 0 V
IGND
IGNDsh
9
4.6
0.8
14
7.5
2.5
220
500
1
mA
mA
mA
mA
Output Noise
Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF
Vnoise
93
58
mVrms
Power Good Voltage
Low Threshold
Hysteresis
High Threshold
Velft
93
95
2
97
99
% of
Vout
Power Good Pin Voltage Saturation (Ief = 1.0 mA)
Vefdo
200
mV
Power Good Pin Leakage
Iefleak
1
mA
Power Good Blanking Time (Note 11)
tef
50
ms
Shutdown
Threshold Voltage ON
Threshold Voltage OFF
VSD
2
0.4
V
SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin
ISD
0.07
1
mA
Output Current In Shutdown Mode, Vout = 0 V
IOSD
0.07
1
mA
Reverse Bias Protection, Current Flowing from the Output Pin to GND
(Vin = 0 V, Vout_forced = 5 V)
IOUTR
10
mA
10. Performance guaranteed over the operating temperature range by design and/or characterization, production tested at TJ = TA = 25°C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
11. Can be disabled per customer request.


유사한 부품 번호 - NCV8537_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8537MN180R2G ONSEMI-NCV8537MN180R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN250R2G ONSEMI-NCV8537MN250R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN330R2G ONSEMI-NCV8537MN330R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN500R2G ONSEMI-NCV8537MN500R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MNADJR2G ONSEMI-NCV8537MNADJR2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
More results

유사한 설명 - NCV8537_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com