전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV8560 데이터시트(PDF) 16 Page - ON Semiconductor

부품명 NCV8560
상세설명  High Performance Low-Power, LDO Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560 데이터시트(HTML) 16 Page - ON Semiconductor

Back Button NCV8560_17 Datasheet HTML 8Page - ON Semiconductor NCV8560_17 Datasheet HTML 9Page - ON Semiconductor NCV8560_17 Datasheet HTML 10Page - ON Semiconductor NCV8560_17 Datasheet HTML 11Page - ON Semiconductor NCV8560_17 Datasheet HTML 12Page - ON Semiconductor NCV8560_17 Datasheet HTML 13Page - ON Semiconductor NCV8560_17 Datasheet HTML 14Page - ON Semiconductor NCV8560_17 Datasheet HTML 15Page - ON Semiconductor NCV8560_17 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
NCV8560
www.onsemi.com
16
PACKAGE DIMENSIONS
TSOP−5
CASE 483−02
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS. MINIMUM LEAD THICKNESS IS THE
MINIMUM THICKNESS OF BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR GATE BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL NOT
EXCEED 0.15 PER SIDE. DIMENSION A.
5. OPTIONAL CONSTRUCTION: AN ADDITIONAL
TRIMMED LEAD IS ALLOWED IN THIS LOCATION.
TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2
FROM BODY.
DIM
MIN
MAX
MILLIMETERS
A
3.00 BSC
B
1.50 BSC
C
0.90
1.10
D
0.25
0.50
G
0.95 BSC
H
0.01
0.10
J
0.10
0.26
K
0.20
0.60
M
0
10
S
2.50
3.00
12
3
54
S
A
G
B
D
H
C
J
__
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.20
5X
C AB
T
0.10
2X
2X
T
0.20
NOTE 5
C
SEATING
PLANE
0.05
K
M
DETAIL Z
DETAIL Z
TOP VIEW
SIDE VIEW
A
B
END VIEW
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCV8560/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


유사한 부품 번호 - NCV8560_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
More results

유사한 설명 - NCV8560_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com