전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV8664C 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NCV8664C
상세설명  Very Low Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664C 데이터시트(HTML) 1 Page - ON Semiconductor

  NCV8664C_17 Datasheet HTML 1Page - ON Semiconductor NCV8664C_17 Datasheet HTML 2Page - ON Semiconductor NCV8664C_17 Datasheet HTML 3Page - ON Semiconductor NCV8664C_17 Datasheet HTML 4Page - ON Semiconductor NCV8664C_17 Datasheet HTML 5Page - ON Semiconductor NCV8664C_17 Datasheet HTML 6Page - ON Semiconductor NCV8664C_17 Datasheet HTML 7Page - ON Semiconductor NCV8664C_17 Datasheet HTML 8Page - ON Semiconductor NCV8664C_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2017 − Rev. 2
1
Publication Order Number:
NCV8664C/D
NCV8664C
Very Low Iq Low Dropout
Linear Regulator
The NCV8664C is a precision 3.3 V and 5.0 V fixed output, low
dropout integrated voltage regulator with an output current
capability of 150 mA. Careful management of light load current
consumption, combined with a low leakage process, achieve a
typical quiescent current of 22
mA.
NCV8664C is pin and functionally compatible with NCV4264−2C
and could replace this part when lower quiescent current is required.
The output voltage is accurate within
±2.0%, and maximum
dropout voltage is 600 mV at full rated load current.
It is internally protected against input supply reversal, output
overcurrent
faults, and excess die temperature. No external
components are required to enable these features.
Features
3.3 V, 5.0 V Fixed Output
±2.0 % Output Accuracy, Over Full Temperature Range
22 mA Typical Quiescent Current
600 mV Maximum Dropout Voltage at 150 mA Load Current
Wide Input Voltage Operating Range of 4.5 V to 45 V
Internal Fault Protection
−42 V Reverse Voltage
Short Circuit/Overcurrent
Thermal Overload
EMC Compliant
AEC−Q100 Grade 1 Qualified and PPAP Capable
These are Pb−Free Devices
SOT−223
ST SUFFIX
CASE 318E
PIN CONNECTIONS
www.onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
2
3
TAB
1
AYW
664Cx
G
G
xx
= Voltage Rating DPAK
(50 = 5.0 V Version)
(33 = 3.3 V Version)
x
= Voltage Rating SOT223
(5 = 5.0 V Version)
(3 = 3.3 V Version)
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
G or G = Pb−Free Package
1 2
3
4
664CxxG
ALYWW
DPAK
DT SUFFIX
CASE 369C
(SOT−223/DPAK)
PIN
FUNCTION
1VIN
2,4,TAB GND
3VOUT
1
(Note: Microdot may be in either location)


유사한 부품 번호 - NCV8664C_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8664CST33T3G ONSEMI-NCV8664CST33T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664CST50T3G ONSEMI-NCV8664CST50T3G Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
More results

유사한 설명 - NCV8664C_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com