전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV8720 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NCV8720
상세설명  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8720 데이터시트(HTML) 4 Page - ON Semiconductor

  NCV8720 Datasheet HTML 1Page - ON Semiconductor NCV8720 Datasheet HTML 2Page - ON Semiconductor NCV8720 Datasheet HTML 3Page - ON Semiconductor NCV8720 Datasheet HTML 4Page - ON Semiconductor NCV8720 Datasheet HTML 5Page - ON Semiconductor NCV8720 Datasheet HTML 6Page - ON Semiconductor NCV8720 Datasheet HTML 7Page - ON Semiconductor NCV8720 Datasheet HTML 8Page - ON Semiconductor NCV8720 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCV8720
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
Over Operating Temperature Range (TJ = −40°C to +125°C), VBIAS = (VOUT + 1.4 V) or 2.5 V, whichever is greater; VIN ≥ VOUT + 0.5 V,
IOUT = 1 mA, VEN = 1.1 V, COUT = 2.2 mF, unless otherwise noted. Typical values are at TJ = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage Range
VIN
VOUT +
VDO_IN
5.5
V
Operating Bias Voltage Range
VBIAS
(VOUT + 1.4)
≥ 2.4
5.5
V
Output Voltage Range (Note 4)
0.8
2.1
V
Output
Voltage
Accuracy
Nominal
TJ = +25
°C
VOUT
±0.5
%
Over VBIAS, VIN, IOUT,
TJ = –40°C to +125°C
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
0mA
≤ IOUT ≤ 350 mA
VOUT
-2
+2
%
VIN Line Regulation
VIN = (VOUT + 0.5 V) to 4.5 V, IOUT = 1mA
DVOUT/DVIN
5.0
mV/V
VBIAS Line Regulation
VBIAS = (VOUT + 1.4 V) or 2.5 V (which-
ever is greater) to 5.5 V, IOUT = 1 mA
DVOUT/DVBIAS
16
mV/V
Load Regulation
0 mA
≤ IOUT ≤ 350 mA (no load to full load) DVOUT/DIOUT
–1.0
mV/mA
VIN Dropout Voltage (Note 5)
VIN = VOUT(NOM) – 0.1 V,
(VBIAS – VOUT(NOM)) = 1.4 V,
IOUT = 350 mA
VDO_IN
110
200
mV
VBIAS Dropout Voltage (Note 6)
VIN = VOUT(NOM) + 0.3 V, IOUT = 350 mA
VDO_BIAS
1.15
1.4
V
Output Current Limit
VOUT = 0.9 x VOUT(NOM)
ICL
420
600
1000
mA
Bias Pin Current
IOUT = 0 mA to 350 mA
IBIAS
80
110
mA
Shutdown Current (IGND)
VEN ≤ 0.4 V, TJ = -40°C to +85°C
ISHDN
0.5
2.0
mA
VIN Power-Supply Rejection Ratio
VIN − VOUT ≥ 0.5 V,
IOUT = 350 mA
f = 10 Hz
PSRR (VIN)
52
dB
f = 100 Hz
56
f = 1 kHz
65
f = 10 kHz
46
f = 100 kHz
37
f = 1 MHz
25
VBIAS Power-Supply Rejection
Ratio
VIN – VOUT ≥ 0.5 V,
IOUT = 350 mA
f = 10 Hz
PSRR (VBIAS)
65
dB
f = 100 Hz
65
f = 1 kHz
70
f = 10 kHz
50
f = 100 kHz
35
f = 1 MHz
24
Output Noise Voltage
BW = 10 Hz to 100 kHz
VN
40
mVRMS
Inrush Current on VIN
IVIN_INRUSH
100 +
ILOAD
mA
Startup Time
VOUT = 95% VOUT(NOM), IOUT = 350 mA,
COUT = 2.2 mF
tSTR
140
ms
Enable Pin High (enabled)
VEN(HI)
1.1
V
Enable Pin Low (disabled)
VEN(LO)
0
0.4
V
Enable Pin Current
VEN = 5.5 V
IEN
0.3
2.0
mA
Undervoltage Lock-out
VBIAS rising
UVLO
1.6
V
Hysteresis
VBIAS falling
0.2
V
Thermal Shutdown Temperature
Shutdown, temperature increasing
TSD
+160
°C
Reset, temperature decreasing
+140
°C
Operating Junction Temperature
TJ
–40
+125
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. VOUT nominal value is factory programmable.
5. Measured for devices with VOUT(NOM) ≥ 1.2V.
6. VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1V. Measured for devices with VOUT(NOM) ≥ 1.4 V.


유사한 부품 번호 - NCV8720

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702MX18TCG ONSEMI-NCV8702MX18TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCV8702MX18TCG ONSEMI-NCV8702MX18TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702MX28TCG ONSEMI-NCV8702MX28TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

유사한 설명 - NCV8720

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com