전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV8720 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 NCV8720
상세설명  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8720 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button NCV8720 Datasheet HTML 2Page - ON Semiconductor NCV8720 Datasheet HTML 3Page - ON Semiconductor NCV8720 Datasheet HTML 4Page - ON Semiconductor NCV8720 Datasheet HTML 5Page - ON Semiconductor NCV8720 Datasheet HTML 6Page - ON Semiconductor NCV8720 Datasheet HTML 7Page - ON Semiconductor NCV8720 Datasheet HTML 8Page - ON Semiconductor NCV8720 Datasheet HTML 9Page - ON Semiconductor NCV8720 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCV8720
www.onsemi.com
10
PACKAGE DIMENSIONS
WDFN6 2x2, 0.65P
CASE 511BR
ISSUE B
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND
IS MEASURED BETWEEN 0.15 AND 0.25 mm FROM
THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD AS
WELL AS THE TERMINALS.
5. FOR DEVICES CONTAINING WETTABLE FLANK
OPTION, DETAIL A ALTERNATE CONSTRUCTION
A-2 AND DETAIL B ALTERNATE CONSTRUCTION
B-2 ARE NOT APPLICABLE.
SEATING
PLANE
D
E
0.10 C
A3
A
A1
0.10 C
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.25
0.35
D
2.00 BSC
D2
1.50
1.70
0.90
1.10
E
2.00 BSC
E2
e
0.65 BSC
0.20
0.40
L
PIN ONE
REFERENCE
0.05 C
0.05 C
NOTE 4
A
0.10
C
NOTE 3
L
e
D2
E2
b
B
3
6
6X
1
4
0.05
C
MOUNTING FOOTPRINT
BOTTOM VIEW
RECOMMENDED
DIMENSIONS: MILLIMETERS
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
DETAIL A
DETAIL B
A
B
TOP VIEW
C
SIDE VIEW
---
0.15
L1
6X
0.45
2.30
1.12
1.72
0.65
PITCH
6X
0.40
1
PACKAGE
OUTLINE
6X
M
M
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
ALTERNATE B−2
ALTERNATE B−1
ALTERNATE A−2
ALTERNATE A−1
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCV8720/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


유사한 부품 번호 - NCV8720

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702MX18TCG ONSEMI-NCV8702MX18TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCV8702MX18TCG ONSEMI-NCV8702MX18TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702MX28TCG ONSEMI-NCV8702MX28TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

유사한 설명 - NCV8720

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com