전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV47710 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 NCV47710
상세설명  Adjustable LDO Adjustable Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47710 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button NCV47710_17 Datasheet HTML 4Page - ON Semiconductor NCV47710_17 Datasheet HTML 5Page - ON Semiconductor NCV47710_17 Datasheet HTML 6Page - ON Semiconductor NCV47710_17 Datasheet HTML 7Page - ON Semiconductor NCV47710_17 Datasheet HTML 8Page - ON Semiconductor NCV47710_17 Datasheet HTML 9Page - ON Semiconductor NCV47710_17 Datasheet HTML 10Page - ON Semiconductor NCV47710_17 Datasheet HTML 11Page - ON Semiconductor NCV47710_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV47710
www.onsemi.com
10
Vout + VREF1 1 )
R
1
R
2
(eq. 2)
Use R2 < 50 k
W to avoid significant voltage output errors
due to ADJ bias current.
Designers should consider the tolerance of R1 and R2 during
the design phase.
Setting the Output Current Limit
The output current limit can be set between 10 mA and
350 mA by external resistor RCSO (see Figure 1). Capacitor
CCSO of 1
mF in parallel with RCSO is required for stability
of current limit control circuitry (see Figure 1).
V
CSO + Iout RCSO
1
100
(eq. 3)
I
LIM +
100
1
2.55
R
CSO
(eq. 4)
R
CSO +
100
1
2.55
I
LIM
(eq. 5)
Where
RCSO
− current limit setting resistor
VCSO
− voltage at CSO pin proportional to Iout
ILIM
− current limit value
Iout
− output current actual value
CSO pin provides information about output current actual
value. The CSO voltage is proportional to output current
according to Equation 3.
Once output current reaches its limit value (ILIM) set by
external resistor RCSO than voltage at CSO pin is typically
2.55 V. Calculations of ILIM or RCSO values can be done
using equations Equation 4 and Equation 5, respectively.
Thermal Considerations
As power in the NCV47710 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and the ambient temperature
affect the rate of junction temperature rise for the part. When
the NCV47710 has good thermal conductivity through the
PCB, the junction temperature will be relatively low with
high power applications. The maximum dissipation the
NCV47710 can handle is given by:
P
D(MAX) +
T
J(MAX) * TA
RqJA
(eq. 6)
Since TJ is not recommended to exceed 150
°C, then the
NCV47710 soldered on 645 mm2, 1 oz copper area, FR4
can dissipate up to 1.8 W (SOIC−8 EP) or 1 W (SOIC−8) and
up to 4.3 W (SOIC−8 EP) or 1.6 W (SOIC−8) for 4 layers
PCB (all layers are 1 oz) when the ambient temperature (TA)
is 25
°C. See Figure 18 for RthJA versus PCB area. The power
dissipated by the NCV47710 can be calculated from the
following equations:
P
D + Vin Iq@Iout ) Iout Vin * Vout
(eq. 7)
or
V
in(MAX) [
P
D(MAX) ) Vout
Iout
Iout ) Iq
(eq. 8)
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the NCV47710 and
make traces as short as possible.
Figure 18. Thermal Resistance vs. PCB Copper Area
40
60
80
100
120
140
160
180
0
100
200
300
400
500
600
700
COPPER HEAT SPREADER AREA (mm2)
SO−8 EP 4 layers PCB
SO−8 EP single layer PCB
20
200
220
SO−8 single layer PCB
1 oz
2 oz
1 oz
2 oz
1 oz
2 oz
1 oz
2 oz
SO−8 4 layers PCB
ORDERING INFORMATION
Device
Output Voltage
Marking
Package
Shipping
NCV47710PDAJR2G
Adjustable
47710
SOIC−8 EP
(Pb−Free)
2500 / Tape & Reel
NCV47710DAJR2G
Adjustable
47710
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications,including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - NCV47710_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV47710PDAJR2G ONSEMI-NCV47710PDAJR2G Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

유사한 설명 - NCV47710_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Maxim Integrated Produc...
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
   Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com