전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV47821 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 NCV47821
상세설명  Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821 데이터시트(HTML) 5 Page - ON Semiconductor

  NCV47821_17 Datasheet HTML 1Page - ON Semiconductor NCV47821_17 Datasheet HTML 2Page - ON Semiconductor NCV47821_17 Datasheet HTML 3Page - ON Semiconductor NCV47821_17 Datasheet HTML 4Page - ON Semiconductor NCV47821_17 Datasheet HTML 5Page - ON Semiconductor NCV47821_17 Datasheet HTML 6Page - ON Semiconductor NCV47821_17 Datasheet HTML 7Page - ON Semiconductor NCV47821_17 Datasheet HTML 8Page - ON Semiconductor NCV47821_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCV47821
www.onsemi.com
5
Table 6. ELECTRICAL CHARACTERISTICS Vin = 13.5 V, VEN1,2 = 3.3 V, VDE = 0 V, RCSO1,2 = 0 W, CCSO1,2 = 1 mF, Cin = 1 mF,
Cout1,2 = 10 mF, Min and Max values are valid for temperature range −40°C v TJ v +150°C unless noted otherwise and are guaranteed
by test, design or statistical correlation. Typical values are referenced to TJ = 25°C (Note 8)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
REGULATOR OUTPUTS
Output Voltage (Accuracy %) (Note 9)
Vin = Vin_min to 40 V
Iout1,2 = 5 mA to 200 mA
Vout1,2
−3
+3
%
Line Regulation (Note 9)
Vin = Vin_min to (Vout_nom1,2 + 20 V)
Iout1,2 = 5 mA
Regline1,2
0.1
1.0
%
Load Regulation
Vin = (Vout_nom1,2 + 8.5 V)
Iout1,2 = 5 mA to 200 mA
Regload1,2
0.4
1.4
%
Dropout Voltage (Note 10)
Vout_nom1,2 = 5 V, Iout1,2 = 200 mA
VDO1,2 = Vin − Vout1,2
VDO1,2
250
500
mV
DISABLE AND QUIESCENT CURRENTS
Disable Current
VEN1,2 = 0 V, Vout_nom1,2 = 5 V,
−40
°C v TJ v +125°C
IDIS
0.1
10
mA
Quiescent Current, Iq = Iin − (Iout1 +Iout2) Iout1 = Iout2 = 500 mA, Vin = (Vout_nom + 8.5 V)
Iq
0.6
1.0
mA
Quiescent Current, Iq = Iin – (Iout1 +Iout2) Iout1 = Iout2 = 200 mA, Vin = (Vout_nom + 8.5 V)
Iq
15.5
25
mA
CURRENT LIMIT PROTECTION
Current Limit
Vout1,2 = 0.9 x Vout_nom1,2
Vin = (Vout_nom1,2 + 8.5 V)
ILIM1,2
300
mA
PSRR & NOISE
Power Supply Ripple Rejection (Note 11) f = 100 Hz, 0.5 Vp−p1,2
PSRR1,2
75
dB
Output Noise Voltage (Note 11)
f = 10 Hz to 100 kHz, Cb1,2 = 10 nF
Vn1,2
137
mVrms
ENABLE
Enable Input Threshold Voltage
Logic Low (OFF)
Logic High (ON)
Vout1,2 v 0.1 V
Vout1,2 w 0.9 x Vout_nom1,2 (Vout_nom1,2 = 5 V)
Vth(EN1,2)
0.99
1.8
1.9
2.31
V
Enable Input Current
VEN1,2 = 3.3 V, Vout_nom1,2 = 5 V
IEN1,2
2
8
20
mA
Turn On Time
from Enable ON to 90 % of Vout
Iout1,2 = 100 mA, Cb1,2 = 10 nF,
Rn1 = 82 kW, Rn2 = 27 kW
ton
1.7
ms
OUTPUT CURRENT SENSE
CSO Voltage Level at Current Limit
Vout1,2 = 0.9 x Vout_nom1,2,
(Vout_nom1,2 = 5 V) RCSO1,2 = 1 kW
VCSO_Ilim1,2
2.448
(−4%)
2.55
2.652
(+4%)
V
CSO Transient Voltage Level
CCSO1,2 = 4.7 mF, RCSO1,2 = 1 kW
Iout1,2 pulse from 10 mA to 300 mA, tr = 1 ms
VCSO1,2
3.3
V
Output Current to CSO Current Ratio
(Note 11, 12)
VCSO1,2 = 2 V, Iout1,2 = 1 mA to 10 mA
(Vout_nom1,2 = 5 V)
Iout1,2/
ICSO1,2
(−5%)
98
(+5%)
Output Current to CSO Current Ratio
(Note 12)
VCSO1,2 = 2 V, Iout1,2 = 10 mA to 300 mA
(Vout_nom1,2 = 5 V)
Iout1,2/
ICSO1,2
(−5%)
100
(+5%)
CSO Current at no Load Current
VCSO1,2 = 0 V, Iout1,2 = 0 mA,
(Vout_nom1,2 = 5 V)
ICSO_off1,2
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Minimum input voltage Vin_min is 4.4 V or (Vout_nom1,2 + 1 V) whichever is higher. Vout_nom1,2 measured at ADJ1,2 pin due to excluding
Rn1 and Rn2 accuracy.
10. Measured when the output voltage Vout1,2 has dropped by 2% of Vout_nom1,2 from the nominal valued obtained at Vin = Vout1,2 + 8.5 V.
11. Values based on design and/or characterization.
12. Not guaranteed in dropout.


유사한 부품 번호 - NCV47821_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV47821PAAJR2G ONSEMI-NCV47821PAAJR2G Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results

유사한 설명 - NCV47821_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47823 ONSEMI-NCV47823 Datasheet
133Kb / 15P
   Dual High Side Switch with Adjustable Constant Current and Diagnostic Features
December, 2017 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com