전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV59749 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NCV59749
상세설명  3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59749 데이터시트(HTML) 1 Page - ON Semiconductor

  NCV59749 Datasheet HTML 1Page - ON Semiconductor NCV59749 Datasheet HTML 2Page - ON Semiconductor NCV59749 Datasheet HTML 3Page - ON Semiconductor NCV59749 Datasheet HTML 4Page - ON Semiconductor NCV59749 Datasheet HTML 5Page - ON Semiconductor NCV59749 Datasheet HTML 6Page - ON Semiconductor NCV59749 Datasheet HTML 7Page - ON Semiconductor NCV59749 Datasheet HTML 8Page - ON Semiconductor NCV59749 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2017
February, 2017 − Rev. 1
1
Publication Order Number:
NCV59749/D
NCV59749
3.0 A, Dual-Rail Very
Low‐Dropout Linear
Regulator with
Programmable Soft‐Start
The NCV59749 is dual−rail very low dropout voltage regulator that
is capable of providing an output current in excess of 3.0 A with a
dropout voltage of 120 mV typ. at full load current. The devices are
stable with ceramic and any other type of output capacitor
≥ 2.2 mF.
This series contains adjustable output voltage version with output
voltage down to 0.8 V. Internal protection features consist of built−in
thermal shutdown and output current limiting protection.
User−programmable Soft−Start and Power Good pins are available.
The NCV59749 is available in QFN20 5x5 package.
Features
Output Current in Excess of 3.0 A
VIN Range: 0.8 V to 5.5 V
VBIAS Range: 2.7 V to 5.5 V
Output Voltage Range: 0.8 V to 3.6 V
Dropout Voltage: 120 mV at 3 A
Programmable Soft Start
Open Drain Power Good Output
Fast Transient Response
Stable with Any Type of Output Capacitor ≥ 2.2 mF
Current Limit and Thermal Shutdown Protection
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Automotive, Consumer and Industrial Equipment Point of Load
Regulation
FPGA, DSP and Logic Power Supplies
Switching Power Supply Post Regulation
Figure 1. Typical Application Schematic
NCV59749
QFN20
CASE 485DB
MARKING DIAGRAM
www.onsemi.com
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
(Note: Microdot may be in either location)
PIN CONNECTIONS
See detailed ordering, marking and shipping information in the
package dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
NCV59749
AWLYYWW
G
G
QFN20
1
QFN20, 5x5, 0.65P
IN
IN
IN
PG
BIAS
OUT
OUT
OUT
NC
FB
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10


유사한 부품 번호 - NCV59749

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59744 ONSEMI-NCV59744 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744MN2ADJTBG ONSEMI-NCV59744MN2ADJTBG Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59744MNADJTBG ONSEMI-NCV59744MNADJTBG Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results

유사한 설명 - NCV59749

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59748 ONSEMI-NCP59748_16 Datasheet
219Kb / 11P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator
December, 2016 ??Rev. 1
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59748 ONSEMI-NCV59748 Datasheet
187Kb / 10P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
November, 2015 ??Rev. 0
NCP59748 ONSEMI-NCP59748 Datasheet
220Kb / 11P
   null1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
February, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
SCV59748 ONSEMI-SCV59748 Datasheet
214Kb / 10P
   Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout
June, 2020 - Rev. 0
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com