전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2801 데이터시트(PDF) 8 Page - Active-Semi, Inc

부품명 ACT2801
상세설명  5V/1.5A Backup Battery Pack Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 데이터시트(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2801_17 Datasheet HTML 4Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 9Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 10Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 11Page - Active-Semi, Inc ACT2801_17 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev 9, 14-Mar-17
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ACT2801/ACT2801B/ACT2801C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Flashlight Driver
Flashlight Voltage UVLO
Flashlight rising, ACT2801B/ACT2801C
3.3
V
Flashlight Voltage UVLO Threshold
Flashlight falling, ACT2801B/ACT2801C
2.9
V
Flashlight Driver Current
the current at FLD pin, ACT2801B/ACT2801C
50
mA
PB Turn on Flashlight Time
ACT2801B/ACT2801C
3.0
s
PB Turn off Flashlight Time
ACT2801B/ACT2801C
3.0
s
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)


유사한 부품 번호 - ACT2801_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
More results

유사한 설명 - ACT2801_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com