전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2861QI 데이터시트(PDF) 14 Page - Active-Semi, Inc

부품명 ACT2861QI
상세설명  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI 데이터시트(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 10Page - Active-Semi, Inc ACT2861QI Datasheet HTML 11Page - Active-Semi, Inc ACT2861QI Datasheet HTML 12Page - Active-Semi, Inc ACT2861QI Datasheet HTML 13Page - Active-Semi, Inc ACT2861QI Datasheet HTML 14Page - Active-Semi, Inc ACT2861QI Datasheet HTML 15Page - Active-Semi, Inc ACT2861QI Datasheet HTML 16Page - Active-Semi, Inc ACT2861QI Datasheet HTML 17Page - Active-Semi, Inc ACT2861QI Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
14
Setting
OTG Off-Delay Current
IOTG_OFF_LOAD
OTG in Buck Mode Only and OTG
Output less than 6V
VBAT > VOTG + 0.5V
3
4
6
mA
OTG Cord Compensation
Accuracy
VOTG_CC
OTG Cord Compensation Enabled
OTG_CORD_COMP:
00: Disabled
01: 100mV
10: 200mV
11: 300mV
Measured at VIN Pin
-15
OTG_C
ORD_C
OMP
Setting
+15
%
OTG Output Slew Accuracy
tOTG_SLEW
OTG Output Slew Setting
OTG_OUTPUT_SLEW
00: 1.0V/ms
01: 0.5V/ms
10: 0.3V/ms
11: 0.1V/ms
Internal Feedback Only
VOTG_I2C Register = 0
-20
OTG_O
UTPUT
_SLEW
Setting
+20
%
OTG Battery ILIM
IOTG_BAT
IOTG_BAT = 0.5A to 1A
-20
IOTG_BAT
+20
%
IOTG_BAT = 1A to 2A
-15
IOTG_BAT
+15
%
IOTG_BAT > 2A
-10
IOTG_BAT
+10
%
THERMAL PROTECTION
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Thermal Regulation and Shutdown
Charger Mode Junction Temper-
ature Regulation Accuracy
TREG
00: Disabled
01: 80 °C
10: 100 °C
11: 120 °C
-20
TREG
+20
°C
Thermal Shutdown Rising Tem-
perature
TSHUT
Temperature Increasing
160
C
Thermal Shutdown Hysteresis
TSHUT_HYS
30
C
Thermal Shutdown Deglitch
Enter or Exit Thermal Shutdown
32
us
NTC Thermistor Input
NTC TH Current Source
ITH
When TH Pin Enabled
64.8
67.5
70.2
uA
NTC TH Current Source Leakage ITH_DISABLE
When TH Pin Disable
1
uA
NTC TH -10°C Voltage
VTH-10C
2.770
2.870
2.970
V
NTC TH 0°C Voltage
VTH0C
1.780
1.840
1.900
V
NTC TH 10°C Voltage
VTH10C
1.165
1.21
1.255
V
NTC TH 45°C Voltage
VTH45C
0.317
0.332
0.347
V


유사한 부품 번호 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

유사한 설명 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com