전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT2861QI 데이터시트(PDF) 5 Page - Active-Semi, Inc

부품명 ACT2861QI
상세설명  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI 데이터시트(HTML) 5 Page - Active-Semi, Inc

  ACT2861QI Datasheet HTML 1Page - Active-Semi, Inc ACT2861QI Datasheet HTML 2Page - Active-Semi, Inc ACT2861QI Datasheet HTML 3Page - Active-Semi, Inc ACT2861QI Datasheet HTML 4Page - Active-Semi, Inc ACT2861QI Datasheet HTML 5Page - Active-Semi, Inc ACT2861QI Datasheet HTML 6Page - Active-Semi, Inc ACT2861QI Datasheet HTML 7Page - Active-Semi, Inc ACT2861QI Datasheet HTML 8Page - Active-Semi, Inc ACT2861QI Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
5
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
AGND
Analog Ground. Kelvin connect AGND to the PGND plane.
2
TH
Battery temperature sensing input. Connect a negative temperature coefficient ther-
mistor from TH to AGND. This pin provides a constant current output and the voltage
at this pin is used for temperature calculation. If temperature sensing is not used,
leave TH open and set register bit “DIS_TH” to a 1
3
INTBP
Internal Voltage Bypass - Connect a 100nF ceramic capacitor between INTBP and
AGND
4
VREG
Internal VREG LDO output. The output voltage is programmable from 2V to 5V. Con-
nect a 1.0uF between VREG and AGND. The maximum current capability for this pin
is 100mA.
5, 20
PGND
Power Ground. Connect to large ground plane on PCB with thermal vias.
6
SDA
I2C Data Input and Output. Needs an external pull up resistor.
7
SCL
I2C Clock Input. Needs an external pull up resistor.
8
nOTG
OTG Enable Input. The OTG mode is active when this pin is pulled low and the
EN_OTG bit = 1. In OTG mode, the converter works in reverse operation mode,
and power is transferred from battery to VIN.
9
SHIPM
Shipping Mode input. Shorting this pin to GND for 32ms enables the IC. If not used,
connect SHIPM to AGND.
10
nIRQ
Interrupt Open-Drain Output. nIRQ goes low to indicate a fault condition. nIRQ is
referenced to AGND.
11
OLIM
Output Fast charge current setting pin. Connect a resistor from OLIM to AGND to
program the output current in normal charge mode.
12
VBATS
VBAT Sense Input – Kelvin connect close the battery to sense the battery voltage.
13
OSRN
Output current sense resistor negative input.
14
OSRP
Output current sense resistor positive input.
15
HSB2
High Side Bias Boot-strap pin. This provides power to the internal high-side
MOSFET gate driver circuitry. Connect a 47nF capacitor from HSB2 to SW2 pin
16, 17
VBAT
Charging Power Output pin. Connect this pin to 22uF-100uF ceramic capacitors
placed as close to the IC as possible.
18, 19, 33
SW2
Power switching output to external inductor.
21, 22, 34
SW1
Power switching output to external inductor.
23, 24, 35
VIN
Input voltage pin. Place a 22uF to 44uF decoupling capacitor between VIN and
PGND.
25
HSB1
High Side Bias Boot-strap pin. This provides power to the internal high-side
MOSFET gate driver circuitry. Connect a 47nF capacitor from HSB1 to SW1 pin
26
ISRP
Input current sense resistor positive input.
27
ISRN
Input current sense resistor negative input
28
nCHG
Open drain charge status indicator. nCHG = L indicates charging is in progress.
nCHG = HI-Z indicates charge complete or charger disabled. nCHG = H to L at 1Hz
indicates a fault condition.
29
ILIM
Input current limit and OTG output current setting pin. Connect a resistor from ILIM
to AGND to program the input current when operating in normal mode and to
program the output current when operating in OTG Mode.


유사한 부품 번호 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

유사한 설명 - ACT2861QI

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com