전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT4921QI 데이터시트(PDF) 20 Page - Active-Semi, Inc

부품명 ACT4921QI
상세설명  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI 데이터시트(HTML) 20 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 16Page - Active-Semi, Inc ACT4921QI Datasheet HTML 17Page - Active-Semi, Inc ACT4921QI Datasheet HTML 18Page - Active-Semi, Inc ACT4921QI Datasheet HTML 19Page - Active-Semi, Inc ACT4921QI Datasheet HTML 20Page - Active-Semi, Inc ACT4921QI Datasheet HTML 21Page - Active-Semi, Inc ACT4921QI Datasheet HTML 22Page - Active-Semi, Inc ACT4921QI Datasheet HTML 23Page - Active-Semi, Inc ACT4921QI Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
20
VIN
VOUT
VSTR
PLI
nIRQ
EN_UV
Buck_UV
Soft Start
Boost On
Supplement 
Mode
10ms 
Delay
9ms Delay
VB
Figure 4: Operation State
Pin Functions
VIN
VIN is the input the eFuse. Connect a 0.1uF ceramic
capacitor between VIN and PGND. VIN is directly
connected to VOUT in normal operation. The eFuse
disconnects VIN from VOUT when the IC enters
supplement mode.
EN
The EN pin provides a digital input to turn the IC on or
off. When EN is low when input power is applied, the IC
remains disabled. Pulling EN high moves the IC into the
SOFTSTART state. When EN is pulled low while input
power
is
valid,
the
IC
immediately
enters
SUPPLEMENT mode. After the storage capacitor is
depleted, the IC is disabled.
VINS
The VINS pin provides both overvoltage and
undervoltage protection thresholds. The VINS pin
contains two precision comparators with hysteresis. It
can be directly driven from a digital input to turn the
eFuse on and off. The EN pin is typically used with a
resistor divider from VIN to AGND to program an eFuse
startup voltage higher than the IC’s UVLO value. The
eFuse turns on when the input EN is high and the VINS
voltage goes above the VINS_UV_REF threshold.
Once the eFuse is on, it turns off and enters supplement
mode if the VINS pin goes above the VINS_OV_REF
threshold or below the VINS_UV_REF threshold.
The VINS pin should not be left floating. It can be driven
from standard logic signals greater than VINS_UV_REF.
It can also be driven with open-drain logic to provide.
When driving it with an open-drain, ensure that the
pullup voltage is not higher than the VINS_OV_REF
setting.
VINS_UV_REF is fixed at 0.64V. However, the
VINS_OV_REF can be programmed by I2C bits
VINS_OV_REF [2:0].
The default VINS_OV_REF
voltage is set by the IC’s CMI.


유사한 부품 번호 - ACT4921QI

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

유사한 설명 - ACT4921QI

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com