전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8846 데이터시트(PDF) 8 Page - Active-Semi, Inc

부품명 ACT8846
상세설명  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 데이터시트(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 4Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 5Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 6Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 7Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 8Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 9Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 10Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 11Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
8 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Figure 1:
I2C Compatible Serial Bus Timing
(VINL2 = 3.6V, TA = 25°C, unless otherwise specified.)
I2C INTERFACE ELECTRICAL CHARACTERISTICS
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VINL2 = 3.1V to 5.5V, TA = -40ºC to 85ºC
0.35
V
SCL, SDA Input High
VINL2 = 3.1V to 5.5V, TA = -40ºC to 85ºC
1.55
V
SDA Leakage Current
1
µA
SCL Leakage Current
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Period, tSCL
1.5
µs
SDA Data Setup Time, tSU
100
ns
SDA Data Hold Time, tHD
300
ns
Start Setup Time, tST
For Start Condition
100
ns
Stop Setup Time, tSP
For Stop Condition
100
ns


유사한 부품 번호 - ACT8846_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

유사한 설명 - ACT8846_17

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com