전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAC5255 데이터시트(PDF) 60 Page - Active-Semi, Inc

부품명 PAC5255
상세설명  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 데이터시트(HTML) 60 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 56Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 57Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 58Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 59Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 60Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 61Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 62Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 63Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 64Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
PAC5255
Power Application Controller
17.4. Electrical Characteristics
Table 31. I/O Controller Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
PAx, PDx, PEx (5V Operation)
VIH
High-level input voltage
VCCIO = 5V
3
V
VIL
Low-level input voltage
VCCIO = 5V
0.8
V
IOL
Low-level output sink current
VCCIO = 5V,
VOL = 0.4V
Drive strength setting = 0b
7
mA
Drive strength setting = 1b
15
IOH
High-level output source current
VCCIO = 5V,
VOH = 2.4V
Drive strength setting = 0b
-7
mA
Drive strength setting = 1b
-15
RPU
Weak pull-up resistance
VCCIO = 5V
53
66
87
RPD
Weak pull-down resistance
VCCIO = 5V
63
108
244
IIL
Input leakage current
TA = 125°C
-10
0
10
μA
PAx, PDx, PEx (3.3V Operation)
VIH
High-level input voltage
VCCIO = 3.3V
2
V
VIL
Low-level input voltage
VCCIO = 3.3V
0.8
V
IOL
Low-level output sink current
VCCIO = 3.3V,
VOL = 0.4V
Drive strength setting = 0b
4
mA
Drive strength setting = 1b
8
IOH
High-level output source current
VCCIO = 3.3V,
VOH = 2.4V
Drive strength setting = 0b
-4
mA
Drive strength setting = 1b
-8
RPU
Weak pull-up resistance
VCCIO = 3.3V
47
74
104
RPD
Weak pull-down resistance
VCCIO = 3.3V
50
84
121
IIL
Input leakage current
TA = 125°C
-10
0
10
μA
PCx (3.3V Operation)
VIH
High-level input voltage
VCC33 = 3.3V
2
V
VIL
Low-level input voltage
VCC33 = 3.3V
0.8
V
IOL
Low-level output sink current
VCC33 = 3.3V, VOL = 0.4V
7
mA
IOH
High-level output source current
VCC33 = 3.3V, VOH = 2.4V
-7
mA
IIL
Input leakage current
TA = 125°C
-10
0
10
μA
- 60 -
Rev 1.10‒March 3, 2018


유사한 부품 번호 - PAC5255_18

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

유사한 설명 - PAC5255_18

제조업체부품명데이터시트상세설명
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com