전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29GL01GP 데이터시트(PDF) 45 Page - Cypress Semiconductor

부품명 S29GL01GP
상세설명  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP 데이터시트(HTML) 45 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 41Page - Cypress Semiconductor S29GL01GP Datasheet HTML 42Page - Cypress Semiconductor S29GL01GP Datasheet HTML 43Page - Cypress Semiconductor S29GL01GP Datasheet HTML 44Page - Cypress Semiconductor S29GL01GP Datasheet HTML 45Page - Cypress Semiconductor S29GL01GP Datasheet HTML 46Page - Cypress Semiconductor S29GL01GP Datasheet HTML 47Page - Cypress Semiconductor S29GL01GP Datasheet HTML 48Page - Cypress Semiconductor S29GL01GP Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 45 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
10. Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector provides an extra Flash memory region that enables permanent part identification through an Electronic
Serial Number (ESN). The Secured Silicon Sector is 128 words in length and all Secured Silicon reads outside of the 128-word
address range returns invalid data. The Secured Silicon Sector Indicator Bit, DQ7, (at Autoselect address 03h) is used to indicate
whether or not the Secured Silicon Sector is locked when shipped from the factory.
Please note the following general conditions:
On power-up, or following a hardware reset, the device reverts to sending commands to the normal address space.
Reads outside of sector SA0 return memory array data.
Sector SA0 is remapped from memory array to Secured Silicon Sector array.
Once the Secured Silicon Sector Entry Command is issued, the Secured Silicon Sector Exit command must be issued to exit
Secured Silicon Sector Mode.
The Secured Silicon Sector is not accessible when the device is executing an Embedded Program or Embedded Erase algorithm.
The ACC function and unlock bypass modes are not available when the Secured Silicon Sector is enabled.
10.1
Factory Locked Secured Silicon Sector
The Factory Locked Secured Silicon Sector is always protected when shipped from the factory and has the Secured Silicon Sector
Indicator Bit (DQ7) permanently set to a “1”. This prevents cloning of a factory locked part and ensures the security of the ESN and
customer code once the product is shipped to the field.
These devices are available pre-programmed with one of the following:
A random, 8 Word secure ESN only within the Secured Silicon Sector (at addresses 000000H - 000007H)
Both a random, secure ESN and customer code through the Cypress programming service.
Customers may opt to have their code programmed through the Cypress programming services. Cypress programs the customer's
code, with or without the random ESN. The devices are then shipped from the Cypress factory with the Secured Silicon Sector
permanently locked. Contact your local representative for details on using Cypress programming services.
Secured Silicon Sector Addresses
Secured Silicon Sector
Address Range
Customer Lockable
ESN Factory Locked
ExpressFlash Factory Locked
000000h–000007h
Determined by customer
ESN
ESN or determined by customer
000008h–00007Fh
Unavailable
Determined by customer


유사한 부품 번호 - S29GL01GP

제조업체부품명데이터시트상세설명
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

유사한 설명 - S29GL01GP

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com