전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29GL01GP 데이터시트(PDF) 18 Page - Cypress Semiconductor

부품명 S29GL01GP
상세설명  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP 데이터시트(HTML) 18 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 14Page - Cypress Semiconductor S29GL01GP Datasheet HTML 15Page - Cypress Semiconductor S29GL01GP Datasheet HTML 16Page - Cypress Semiconductor S29GL01GP Datasheet HTML 17Page - Cypress Semiconductor S29GL01GP Datasheet HTML 18Page - Cypress Semiconductor S29GL01GP Datasheet HTML 19Page - Cypress Semiconductor S29GL01GP Datasheet HTML 20Page - Cypress Semiconductor S29GL01GP Datasheet HTML 21Page - Cypress Semiconductor S29GL01GP Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 18 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
Legend
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care. VID = 11.5V to 12.5V
Autoselect Codes, (High Voltage Method)
Description
CE# OE# WE#
Ama
x to
A16
A1
4
to
A1
0A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
BYTE
#= VIH
BYTE
# = VIL
Manufacturer ID:
Cypress Product
LL
H
X
X
VID
X
L
X
L
L
L
00
X
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
28h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
23h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
22h
Cycle 3
H
H
H
22
X
01h
Cycle 1
LL
H
X
X
VID
XLX
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
21h
Cycle 3
H
H
H
22
X
01h
Sector Group
Protection
Verification
LL
H
SA
X
VID
XLX
L
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon
Sector Indicator Bit
(DQ7), WP# protects
highest address
sector
LL
H
X
X
VID
XLX
L
H
H
X
X
99h (factory
locked),
19h (not factory
locked)
Secured Silicon
Sector Indicator Bit
(DQ7), WP# protects
lowest address
sector
LL
H
X
X
VID
XLX
L
H
H
X
X
89h (factory
locked),
09h (not factory
locked)
Autoselect Addresses in System
Description
Address
Read Data (word/byte mode)
Manufacturer ID
Base + 00h
xx01h/1h
Device ID, Word 1
Base + 01h
227Eh/7Eh
Device ID, Word 2
Base + 0Eh
2228h/28h (GL01GP)
2223h/23h (GL512P)
2222h/22h (GL256P)
2221h/21h (GL128P)


유사한 부품 번호 - S29GL01GP

제조업체부품명데이터시트상세설명
logo
SPANSION
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP SPANSION-S29GL01GP Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

유사한 설명 - S29GL01GP

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
   128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com