전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW530A 데이터시트(Datasheet) 3 Page - Fairchild Semiconductor

부품명 IRFW530A
상세내용  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
IRFW/I530A
10
-1
10
0
10
1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
15V
10 V
8.0 V
7.0 V
6.0 V
5.5V
5.0 V
Bottom : 4.5 V
V
DS
, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
25
oC
175
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
15
30
45
60
0.00
0.05
0.10
0.15
0.20
@ Note : T
J
= 25
oC
V
GS
= 20 V
V
GS
= 10 V
I
D
, Drain Current [A]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
10
-1
10
0
10
1
175
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
250
500
750
1000
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss= Cgd
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
5
10
V
DS = 80 V
V
DS
= 50 V
V
DS = 20 V
@ Notes : I
D = 14.0 A
Q
G
, Total Gate Charge [nC]




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRF540AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLM110AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLWI520AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFH9250LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFP9640LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFRU9310Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFS9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFWI9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STK830FAdvanced Power MOSFET 1 2 3 4 5 MoreAUK corp

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl