전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW530A 데이터시트(Datasheet) 1 Page - Fairchild Semiconductor

부품명 IRFW530A
상세내용  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
175
Operating Temperature
Lower Leakage Current : 10
A (Max.) @ V
DS = 100V
Lower R
DS(ON) : 0.092
(Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
R
JC
R
JA
R
JA
/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
)
Continuous Drain Current (T
C=100
)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
)
Total Power Dissipation (T
C=25
)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
A
V
DSS
V
*
µ
O
1
O
2
O
3
ΟC
ΟC
O
1
O
1
ΟC
ΟC
ΟC
ΟC
ΟC
θ
θ
ΟC
θ
IRFW/I530A
BV
DSS = 100 V
R
DS(on) = 0.11
I
D = 14 A
100
14
9.9
56
261
14
5.5
6.5
3.8
55
0.36
- 55 to +175
300
2.74
40
62.5
--
--
--
20
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRF540AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLM110AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLWI520AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFH9250LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFP9640LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFRU9310Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFS9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFWI9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STK830FAdvanced Power MOSFET 1 2 3 4 5 MoreAUK corp

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl