전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM16706 데이터시트(PDF) 2 Page - SamHop Microelectronics Corp.

부품명 SM16706
상세설명  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706 데이터시트(HTML) 2 Page - SamHop Microelectronics Corp.

  SM16706 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2
V.2.0 MAY,2003
PIN DESCRIPTION
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
3
I
Input terminal of a clock for shift register on rising edge.
1
GND terminal
2
I
Terminal of serial-data input to the shift register.
Pin NO.
I / O
Function Description
4
I
Input terminal of data strobe. Latches pass data with
"H" level input of LATCH-terminal, and hold data with
"L" level input.
5 ~ 20
O
Constant Current-sinking output terminals.
24
5V supply voltage terminal.
23
I / O
An external resistor at this terminal establishes all of the
output current.
22
O
Output terminal of serial-data for next SERIAL-IN terminal.
21
I
Input terminal of output enable. All outputs (OUT0~15) do
off with "H" level input of ENABLE-terminal and do on
with "L" level input.
CLOCK
GND
SERIAL-IN
Pin Name
LATCH
OUT0 ~ 15
VDD
R-EXT
SERIAL-OUT
ENABLE


유사한 부품 번호 - SM16706

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

유사한 설명 - SM16706

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com