전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVEP34 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100LVEP34
상세설명  2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100LVEP34 Datasheet HTML 1Page - ON Semiconductor MC100LVEP34 Datasheet HTML 2Page - ON Semiconductor MC100LVEP34 Datasheet HTML 3Page - ON Semiconductor MC100LVEP34 Datasheet HTML 4Page - ON Semiconductor MC100LVEP34 Datasheet HTML 5Page - ON Semiconductor MC100LVEP34 Datasheet HTML 6Page - ON Semiconductor MC100LVEP34 Datasheet HTML 7Page - ON Semiconductor MC100LVEP34 Datasheet HTML 8Page - ON Semiconductor MC100LVEP34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 7
1
Publication Order Number:
MC100LVEP34/D
MC100LVEP34
2.5V / 3.3VECL ÷2, ÷4, ÷8
Clock Generation Chip
The MC100LVEP34 is a low skew
÷2, ÷4, ÷8 clock generation chip
designed explicitly for low skew clock generation applications. The
internal dividers are synchronous to each other, therefore, the common
output edges are all precisely aligned. The VBB pin, an internally
generated voltage supply, is available to this device only. For
single−ended input conditions, the unused differential input is
connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA.
When not used, VBB should be left open.
The common enable (EN) is synchronous so that the internal
dividers will only be enabled/disabled when the internal clock is
already in the LOW state. This avoids any chance of generating a runt
clock pulse on the internal clock when the device is enabled/disabled
as can happen with an asynchronous control. An internal runt pulse
could lead to losing synchronization between the internal divider
stages. The internal enable flip−flop is clocked on the falling edge of
the input clock; therefore, all associated specification limits are
referenced to the negative edge of the clock input.
Upon start−up, the internal flip−flops will attain a random state; the
master reset (MR) input allows for the synchronization of the internal
dividers, as well as multiple LVEP34s in a system. Single−ended CLK
input operation is limited to a VCC ≥ 3.0 V in PECL mode, or VEE
−3.0 V in NECL mode.
35 ps Output−to−Output Skew
Synchronous Enable/Disable
Master Reset for Synchronization
The 100 Series Contains Temperature Compensation.
PECL Mode Operating Range: VCC = 2.375 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −2.375 V to −3.8 V
Open Input Default State
LVDS Input Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SO−16
D SUFFIX
CASE 751B
1
16
MARKING
DIAGRAMS*
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
1
16
100LVEP34
AWLYWW
TSSOP−16
DT SUFFIX
CASE 948F
*For additional marking information, refer to
Application Note AND8002/D.
http://onsemi.com
1
16
100
VP34
ALYW
1
16
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MC100LVEP34

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DG ONSEMI-MC100LVEP34DG Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

유사한 설명 - MC100LVEP34

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com