전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2202 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 ST2202
상세설명  8 BIT Integrated Microcontroller with 256K Bytes ROM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ST2202 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
8/65
2003-May-05
7
7.. M
ME
EM
MO
OR
RY
Y C
CO
ON
NF
FIIG
GU
UR
RA
AT
TIIO
ON
N
7.1 Memory map
The logical memory space of ST2202 is divided into 3 parts:
$0000~$0FFF (4K), $4000~$7FFF (16K), and $8000~FFFF
(32K). First is for control registers, stack and system memory.
Second and third are banked areas. Logical address in these
two areas combines two bank registers, PRR and DRR
respectively, and then be mapped to a physical address. PRR
is the Program ROM Bank Register and is 12-bit long, while
DRR is the Data ROM Bank Register of the length of 11 bits.
Both can refer to a maximum space of 64M bytes.
Only 44M (28M when CSM0=”0”) bytes is
addressable by chip selects.
Refer to FIGURE 7-1 for memory mapping of ST2202.
.
Control Register
Zero Page
User Memory
0000
007F
0080
00FF
User Memory /
Display Memory
0100
0200
01FF
3FFF
4000
Program Memory
(PRR)
16K bytes
7FFF
8000
Data Memory
(DRR)
32K bytes
FFFF
0000000~
0003FFF
0004000~
0007FFF
DRR = 000H
PRR = 001H
PRR = 000H
0008000~
000BFFF
000C000~
000FFFF
DRR = 001H
PRR = 003H
PRR = 002H
3FF0000~
3FF3FFF
3FF4000~
3FF7FFF
DRR = 7FEH
PRR = FFDH
PRR = FFCH
3FF8000~
3FFBFFF
3FFC000~
3FFFFFF
DRR = 7FFH
PRR = FFFH
PRR = FFEH
Interrupt Vector
7FE2
CPU Memory Mapping
Physical Memory Mapping
64M Bytes
Stack
Reserved
0FFF
1000
FIGURE 7-1 Memory Mapping


유사한 부품 번호 - ST2202

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
More results

유사한 설명 - ST2202

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640 Datasheet
2Mb / 407P
   8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
2549A-AVR-03/05
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com