전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2101 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FPF2101
상세설명  IntelliMAX Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2101 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FPF2101 Datasheet HTML 4Page - Fairchild Semiconductor FPF2101 Datasheet HTML 5Page - Fairchild Semiconductor FPF2101 Datasheet HTML 6Page - Fairchild Semiconductor FPF2101 Datasheet HTML 7Page - Fairchild Semiconductor FPF2101 Datasheet HTML 8Page - Fairchild Semiconductor FPF2101 Datasheet HTML 9Page - Fairchild Semiconductor FPF2101 Datasheet HTML 10Page - Fairchild Semiconductor FPF2101 Datasheet HTML 11Page - Fairchild Semiconductor FPF2101 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.fairchildsemi.com
FPF2100-FPF2107 Rev. D2
Description of Operation
The FPF2100-FPF2107 are current limited switches that protect
systems and loads which can be damaged or disrupted by the
application of high currents. The core of each device is a
0.125
Ω P-channel MOSFET and a controller capable of
functioning over a wide input operating range of 1.8-5.5V. The
controller protects against system malfunctions through current
limiting, under-voltage lockout and thermal shutdown. The
current limit is preset for either 200mA or 400mA.
On/OffControl
The ON pin controls the state of the switch. Active HI and LO
versions are available. Refer to the Ordering Information for
details. Activating ON continuously holds the switch in the on
state so long as there is no fault.
For all versions, an
under-voltage on VIN or a junction temperature in excess of
150°C overrides the ON control to turn off the switch. In
addition, excessive currents will cause the switch to turn off in
FPF2100-FPF2102 and FPF2104-FPF2107. The FPF2100,
FPF2101, FPF2104 and FPF2105 have an Auto-Restart feature
which will automatically turn the switch on again after 160ms.
For the FPF2102 and FPF2106, the ON pin must be toggled to
turn-on the switch again. The FPF2103 and FPF2107 do not
turn off in response to a over current condition but instead
remain operating in a constant current mode so long as ON is
active and the thermal shutdown or under-voltage lockout have
not activated.
Fault Reporting
Upon the detection of an over-current, an input under-voltage,
or an over-temperature condition, the FLAGB signals the fault
mode by activating LO.
For the FPF2100-FPF2102 and
FPF2104-FPF2106, the FLAGB goes LO at the end of the
blanking time while FLAGB goes LO immediately for the
FPF2103 and FPF2107.
FLAGB remains LO through the
Auto-Restart Time for the FPF2100, FPF2101 FPF2104 and
FPF2105. For the FPF2102 and FPF2106, FLAGB is latched
LO and ON must be toggled to release it.With the FPF2103 and
FPF2107, FLAGB is LO during the faults and immediately
returns HI at the end of the fault condition. FLAGB is an
open-drain MOSFET which requires a pull-up resistor between
VIN and FLAGB. During shutdown, the pull-down on FLAGB is
disabled to reduce current draw from the supply.
Current Limiting
The current limit ensures that the current through the switch
doesn't exceed a maximum value while not limiting at less than
a minimum value. For the FPF2100-FPF2103 the minimum
current is 200mA and the maximum current is 400mA and for
the FPF2104-FPF2107 the minimum current is 400mA and the
maximum current is 800mA. The FPF2100-FPF2103 have a
blanking time of 10ms, nominally, during which the switch will
act as a constant current source. At the end of the blanking
time, the switch will be turned-off and the FLAGB pin will
activate to indicate that current limiting has occurred. The
FPF2103 and FPF2107 have no current limit blanking period so
immediately upon a current limit condition FLAGB is activated.
These parts will remain in a constant current state until the ON
pin is deactivated or the thermal shutdown turns-off the switch.
Reverse Voltage
If the voltage at the VOUT pin is larger than the VIN pin, large
curents may flow and can cause permanent damage to the
device. FPF2100-FPF2107 is designed to control current flow
from VIN to VOUT.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input
voltage drops below the under-voltage lockout threshold. With
the ON pin active the input voltage rising above the
under-voltage lockout threshold will cause a controlled turn on
of the switch which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the part from internally or
externally generated excessive temperatures.
During an
over-temperature condition the FLAGB is activated and the
switch is turned-off. The switch automatically turns-on again if
the temperature of the die drops below the threshold
temperature.
Ordering Information
Part
Current Limit
[mA]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
Top Mark
FPF2100
200
10
160
Active HI
2100
FPF2101
200
10
160
Active LO
2101
FPF2102
200
10
NA
Active HI
2102
FPF2103
200
0
NA
Active HI
2103
FPF2104
400
10
160
Active HI
2104
FPF2105
400
10
160
Active LO
2105
FPF2106
400
10
NA
Active HI
2106
FPF2107
400
0
NA
Active HI
2107


유사한 부품 번호 - FPF2101

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2101 FAIRCHILD-FPF2101 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results

유사한 설명 - FPF2101

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com