전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6678 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF6678
상세설명  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6678 데이터시트(HTML) 3 Page - International Rectifier

  IRF6678 Datasheet HTML 1Page - International Rectifier IRF6678 Datasheet HTML 2Page - International Rectifier IRF6678 Datasheet HTML 3Page - International Rectifier IRF6678 Datasheet HTML 4Page - International Rectifier IRF6678 Datasheet HTML 5Page - International Rectifier IRF6678 Datasheet HTML 6Page - International Rectifier IRF6678 Datasheet HTML 7Page - International Rectifier IRF6678 Datasheet HTML 8Page - International Rectifier IRF6678 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6678
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Surface mounted on 1 in. square Cu board, steady state.
Used double sided cooling , mounting pad.
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
TC measured with thermocouple incontact with top (Drain) of part.
Rθ is measured at TJ of approximately 90°C.
Surface mounted on 1 in. square Cu
board (still air).
Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
Mounted to a PCB with a
thin gap filler and heat sink.
(still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.6784
0.00086
17.299
0.57756
17.566
8.94000
9.4701
106
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
W
PD @TA = 70°C
Power Dissipation
PD @TC = 25°C
Power Dissipation
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
–––
45
RθJA
Junction-to-Ambient
12.5
–––
RθJA
Junction-to-Ambient
20
–––
°C/W
RθJC
Junction-to-Case
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
1.8
0.022
270
-40 to + 150
Max.
89
2.8


유사한 부품 번호 - IRF6678

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6678PBF IRF-IRF6678PBF Datasheet
258Kb / 10P
   DirectFET Power MOSFET
IRF6678PBF IRF-IRF6678PBF Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6678PBF IRF-IRF6678PBF_15 Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6678TRPBF IRF-IRF6678TRPBF Datasheet
258Kb / 10P
   DirectFET Power MOSFET
IRF6678TRPBF IRF-IRF6678TRPBF Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

유사한 설명 - IRF6678

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com