전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N1136-X007 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 6N1136-X007
상세설명  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X007 데이터시트(HTML) 3 Page - Vishay Siliconix

  6N1136-X007 Datasheet HTML 1Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6N1135/ 6N1136
Document Number 83909
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Switching Characteristics
Common Mode Transient Immunity
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
f = 1.0 MHz
CIO
0.6
pF
Current Transfer Ratio
IF = 16 mA, VO = 0.4
V, VCC = 4.5 V
6N1135
CTR
7
16
%
6N1136
CTR
19
35
%
IF = 16 mA, VO = 0.5
V, VCC = 4.5 V
6N1135
CTR
5
%
6N1136
CTR
15
%
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
High-low
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
tPHL
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
tPHL
0.2
0.8
µs
Low-high
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
tPLH
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
tPLH
0.2
0.8
µs
Figure 1. Switching Times
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
High
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
| CMH |
1000
V/
µs
IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
| CMH |
1000
V/
µs
Low
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 kΩ
6N1135
| CML |
1000
V/
µs
IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 kΩ
6N1136
| CML |
1000
V/
µs
i6n135_01
VOL
t
t
5V
1.5 V
VO
IF
tPLH
tPHL
1
2
3
4
8
7
6
5
IF
VO
RL
5V
Pulse generator
Z
O=5 0 Ω
tr,tf=5 ns
duty cycle 10%
t
≤100 µs
CL
15 pF
IF Monitor
100
ı


유사한 부품 번호 - 6N1136-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N1136-X007 VISHAY-6N1136-X007 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

유사한 설명 - 6N1136-X007

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com