전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7441BRM 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7441BRM
상세설명  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7441BRM 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7441BRM Datasheet HTML 5Page - Analog Devices AD7441BRM Datasheet HTML 6Page - Analog Devices AD7441BRM Datasheet HTML 7Page - Analog Devices AD7441BRM Datasheet HTML 8Page - Analog Devices AD7441BRM Datasheet HTML 9Page - Analog Devices AD7441BRM Datasheet HTML 10Page - Analog Devices AD7441BRM Datasheet HTML 11Page - Analog Devices AD7441BRM Datasheet HTML 12Page - Analog Devices AD7441BRM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–9–
AD7451/AD7441
TERMINOLOGY
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion)
at the output of the ADC. The signal is the rms amplitude
of the fundamental. Noise is the sum of all
nonfundamental signals up to half the sampling frequency
(fS/2), excluding dc. The ratio is dependent on the number
of quantization levels in the digitization process; the more
levels, the smaller the quantization noise. The theoretical
signal to (noise + distortion) ratio for an ideal N-bit con-
verter with a sine wave input is given by:
Signal to (Noise + Distortion) = (6.02 N + 1.76) dB
Thus for a 12-bit converter, this is 74 dB and for a 10-bit
converter this is 62dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms
sum of harmonics to the fundamental. For the AD7450, it
is defined as:
THD (dB )
= 20 log
V2
2 +V
3
2 +V
4
2 +V
5
2 +V
6
2
V1
where V1 is the rms amplitude of the fundamental and V2,
V3, V4, V5 and V6 are the rms amplitudes of the second to
the sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of
the rms value of the next largest component in the ADC
output spectrum (up to fS/2 and excluding dc) to the rms
value of the fundamental. Normally, the value of this
specification is determined by the largest harmonic in the
spectrum, but for ADCs where the harmonics are buried
in the noise floor, it will be a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities will create
distortion products at sum and difference frequencies of
mfa ± nfb where m, n = 0, 1, 2, 3, etc. Intermodulation
distortion terms are those for which neither m nor n are
equal to zero. For example, the second order terms in-
clude (fa + fb) and (fa – fb), while the third order terms
include (2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb).
The AD7451/41 is tested using the CCIF standard where
two input frequencies near the top end of the input band-
width are used. In this case, the second order terms are
usually distanced in frequency from the original sine waves
while the third order terms are usually at a frequency close
to the input frequencies. As a result, the second and third
order terms are specified separately. The calculation of the
intermodulation distortion is as per the THD specification
where it is the ratio of the rms sum of the individual dis-
tortion products to the rms amplitude of the sum of the
fundamentals expressed in dBs.
Aperture Delay
This is the amount of time from the leading edge of the
sampling clock until the ADC actually takes the sample.
Aperture Jitter
This is the sample to sample variation in the effective
point in time at which the actual sample is taken.
Full Power Bandwidth
The full power bandwidth of an ADC is that input fre-
quency at which the amplitude of the reconstructed
fundamental is reduced by 0.1dB or 3dB for a full scale
input.
Integral Nonlinearity (INL)
This is the maximum deviation from a straight line pass-
ing through the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
This is the difference between the measured and the ideal 1
LSB change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (000...000 to
000...001) from the ideal (i.e. AGND + 1LSB)
Gain Error
This is the deviation of the last code transition (111...110 to
111...111) from the ideal (i.e., VREF - 1LSB), after the Offset
Error has been adjusted out.
Track/Hold Acquisition Time
The track/hold amplifier returns into track mode on the
13th SCLK rising edge (see the “Serial Interface Sec-
tion”). The track/hold acquisition time is the minimum
time required for the track and hold amplifier to remain in
track mode for its output to reach and settle to within 0.5
LSB of the applied input signal.
Power Supply Rejection
Ratio (PSRR)
The power supply rejection ratio is defined as the ratio of
the power in the ADC output at full-scale frequency, f, to
the power of a 200mV p-p sine wave applied to the ADC
VDD supply of frequency fs. The frequency of this input
varies from 1kHz to 1MHz.
PSRR (dB) = 10 log (Pf/Pfs)
Pf is the power at frequency f in the ADC output; Pfs is
the power at frequency fs in the ADC output.


유사한 부품 번호 - AD7441BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7441BRMZ AD-AD7441BRMZ Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

유사한 설명 - AD7441BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com