전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8133ACPZ-REEL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8133ACPZ-REEL7
상세설명  Triple Differential Driver With Output Pull-Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-REEL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8133ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 14Page - Analog Devices AD8133ACPZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8133
Rev. 0 | Page 11 of 16
LOAD (
Ω)
4.5
2.5
3.5
1.5
0.5
–1.5
–0.5
5
4
3
1
0
2
–2.5
–3.5
–4.5
100
1000
10000
VS = +5V
VS = ±5V
Figure 30. Output Saturation Voltage vs. Single-Ended Output Load
TEMPERATURE (
°C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–40
–25
–5
15
35
55
75
85
VS = +5V
VS = ±5V
5.0
4.0
3.5
4.5
Figure 31. Positive Output Saturation Voltage vs. Temperature
FREQUENCY (MHz)
100
10
1
0.1
0.01
0.1
1
10
100
1000
VS = ±5V
VS = +5V
Figure 32. Single-Ended Output Impedance Magnitude vs. Frequency
TEMPERATURE (
°C)
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–40
–25
–5
15
35
55
75
85
VS = +5V
VS = ±5V
1.5
0.5
0
1.0
Figure 33. Negative Output Saturation Voltage vs. Temperature


유사한 부품 번호 - AD8133ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
More results

유사한 설명 - AD8133ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_15 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_16 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com