전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1087AKS-REEL7 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM1087AKS-REEL7
상세설명  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1087AKS-REEL7 데이터시트(HTML) 4 Page - Analog Devices

  ADM1087AKS-REEL7 Datasheet HTML 1Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 2Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 3Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 4Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 5Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 6Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 7Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 8Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
VIN
−0.3 V to +25 V
CEXT
−0.3 V to +6 V
ENIN, ENIN
−0.3 V to +25 V
ENOUT, ENOUT (ADM1085, ADM1087)
−0.3 V to +25 V
ENOUT, ENOUT (ADM1086, ADM1088)
−0.3 V to +6 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance, SC70
146°C/W
Lead Temperature
Soldering (10 s)
300°C
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - ADM1087AKS-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

유사한 설명 - ADM1087AKS-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com