전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4636-1 데이터시트(PDF) 18 Page - Linear Technology

부품명 LTM4636-1
상세설명  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM4636-1 데이터시트(HTML) 18 Page - Linear Technology

Back Button LTM4636-1 Datasheet HTML 14Page - Linear Technology LTM4636-1 Datasheet HTML 15Page - Linear Technology LTM4636-1 Datasheet HTML 16Page - Linear Technology LTM4636-1 Datasheet HTML 17Page - Linear Technology LTM4636-1 Datasheet HTML 18Page - Linear Technology LTM4636-1 Datasheet HTML 19Page - Linear Technology LTM4636-1 Datasheet HTML 20Page - Linear Technology LTM4636-1 Datasheet HTML 21Page - Linear Technology LTM4636-1 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LTM4636-1
18
46361fa
For more information www.linear.com/LTM4636-1
APPLICATIONS INFORMATION
Ratiometric tracking can be achieved by a few simple
calculationsandtheslewratevalueappliedtothemaster’s
TRACK/SS pin. As mentioned above, the TRACK/SS pin
has a control range from 0V to 0.6V. The master’s
TRACK/SS pin slew rate is directly equal to the master’s
output slew rate in volts/time. The equation:
MR
SR
• 4.99k RTB
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in volts/time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal to 60.4k. RTA is derived from equation:
RTA
0.6V
VFB
4.99k
VFB
RFB1
V TRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 4.99k
top feedback resistor of the slave regulator in equal slew
rate or coincident tracking, then RTA is equal to RFB with
VFB = VTRACK. Therefore RTB = 4.99k, and RTA = 4.99k in
Figure 5.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach its final value before the master output.
For example, MR = 1.5V/ms, and SR = 1.2V/ms. Then
RTB = 6.19k. Solve for RTA to equal 4.22k.
For applications that do not require tracking or sequenc-
ing, simply tie the TRACK/SS pin to INTVCC to let RUN
control the turn on/off. When the RUN pin is below
its threshold or the VIN undervoltage lockout, then
TRACK/SS is pulled low.
Default Overcurrent and Overvoltage Protection
The LTM4636-1 has overcurrent protection (OCP) in a
short circuit. The internal current comparator threshold
folds back during a short to reduce the output current. An
overvoltage condition (OVP) above 10% of the regulated
outputvoltagewillforcethetopMOSFEToffandthebottom
MOSFETonuntiltheconditioniscleared.Foldbackcurrent
limiting is disabled during soft-start or tracking start-up.
Temperature Monitoring
Measuring the absolute temperature of a diode is pos-
sible due to the relationship between current, voltage
and temperature described by the classic diode equation:
ID IS •e
VD
• VT
or
VD
• VT •In
ID
IS
where ID is the diode current, VD is the diode voltage,
is the ideality factor (typically close to 1.0) and IS (satu-
ration current) is a process dependent parameter. VT can
be broken out to:
VT
k • T
q
where T is the diode junction temperature in Kelvin, q is
the electron charge and k is Boltzmann’s constant. VT is
approximately 26mV at room temperature (298K) and
scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable tem-
perature sensors. The IS term in the previous equation is
the extrapolated current through a diode junction when
the diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
and by definition must always be less than ID. Combining
all of the constants into one term:
KD
•k
q
where KD = 8.62−5, and knowing ln(ID/IS) is always posi-
tive because ID is always greater than IS, leaves us with
the equation that:
VD T KELVIN •KD •In
ID
IS


유사한 부품 번호 - LTM4636-1

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
984Kb / 28P
   Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
More results

유사한 설명 - LTM4636-1

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-82 LITTELFUSE-MHP-TAM15-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-85 LITTELFUSE-MHP-TAM15-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-72 LITTELFUSE-MHP-TAM6-9-72 Datasheet
557Kb / 2P
   Overtemperature Protection Device
logo
STMicroelectronics
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
   Junction overtemperature protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com