전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK4132 데이터시트(PDF) 7 Page - Asahi Kasei Microsystems

부품명 AK4132
상세설명  96kHz 24bit Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4132 데이터시트(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
[AK4132]
015015036-E-03
2018/05
- 7 -
9.
Consumption Current
Internal Regulator (VSEL pin= “L”)
(Ta= -40
 105ºC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Current
Normal operation:
FSI=FSO= 48kHz at Master Mode :DVDD= 3.3V
DVDD= 3.6V
FSI= 96kH, FSO= 48kHz at Master Mode :DVDD= 3.3V
DVDD= 3.6V
-
-
-
-
6
-
10
-
-
8
-
12
mA
mA
mA
mA
Power down: PDN = “L”(Note 8) DVDD=3.6V
-
10
100
A
Note 8. All digital input pins including clock pins are connected to DVSS.
External VD18 (VSEL pin= “H”)
(Ta=
40  105ºC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Current
Normal operation:
FSI=FSO=48kHz at Master Mode:
DVDD=VD18=1.8V
DVDD=VD18=1.9V
FSI=96kH, FSO=48kHz at Master Mode:
DVDD=VD18=1.8V
DVDD=VD18=1.9V
-
-
-
-
6
-
10
-
-
8
-
12
mA
mA
mA
mA
Power down: PDN = “L” (Note 9) DVDD=VD18=1.9V
-
10
100
A
Note 9. Except the VSEL pin, all digital input pins including clock pins are connected to DVSS.


유사한 부품 번호 - AK4132

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results

유사한 설명 - AK4132

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com