전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK4133 데이터시트(PDF) 12 Page - Asahi Kasei Microsystems

부품명 AK4133
상세설명  192kHz 24bit Sample Rate Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4133 데이터시트(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK4133 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4133 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
[AK4133]
015015325-E-02
2018/05
- 12 -
Timing Diagram
Master Clock
1/fCLK
tCLKL
VIH
tCLKH
OMCLK
VIL
Figure 3. OMCLK Clock Timing
Input Port Clock
1/FSI
tILRCL
VIH
tILRCH
ILRCK
VIL
dILRCK=tILRCH(or tILRCL)
FSI100
tIBCK
tIBCKL
VIH
tIBCKH
IBICK
VIL
Figure 4. ILRCK, IBICK Clock Timing
Input Port Timing
tILRB
ILRCK
VIH
IBICK
VIL
tISDS
VIH
SDTI
VIL
tISDH
VIH
VIL
tIBLR
Figure 5. Input PORT Audio Interface Timing (Slave Mode)


유사한 부품 번호 - AK4133

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
More results

유사한 설명 - AK4133

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Asahi Kasei Microsystem...
AKD5386-B-06 AKM-AKD5386-B-06 Datasheet
590Kb / 25P
   24bit 192kHz A/D converter
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com