전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS74108J-10I 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 GS74108J-10I
상세설명  512K x 8 4Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS74108J-10I 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  GS74108J-10I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS74108J-10I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev: 1.06 7/2000
1/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74108TP/J
512K x 8
4Mb Asynchronous SRAM
8, 10, 12, 15ns
3.3V VDD
Center VDD & VSS
SOJ, TSOP
Commercial Temp
Industrial Temp
Features
• Fast access time: 8, 10, 12, 15ns
• CMOS low power operation: 150/125/110/90 mA at min. cycle time.
• Single 3.3V ± 0.3V power supply
• All inputs and outputs are TTL compatible
• Fully static operation
• Industrial Temperature Option: -40° to 85°C
• Package line up
J: 400mil, 36 pin SOJ package
TP: 400mil, 44 pin TSOP Type II package
Description
The GS74108 is a high speed CMOS static RAM organized as
524,288-words by 8-bits. Static design eliminates the need for exter-
nal clocks or timing strobes. Operating on a single 3.3V power supply
and all inputs and outputs are TTL compatible. The GS74108 is avail-
able in 400 mil SOJ and 400 mil TSOP Type-II packages.
Pin Descriptions
SOJ 512K x 8 Pin Configuration
Symbol
Description
A0 to A18
Address input
DQ1 to DQ8
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3V power supply
VSS
Ground
NC
No connect
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A4
A3
A2
A1
A0
CE
DQ1
DQ2
VDD
VSS
DQ3
DQ4
WE
A17
A16
A15
NC
A5
A6
A7
A8
OE
DQ8
DQ7
VSS
VDD
DQ6
DQ5
A9
A10
A11
A12
36 pin
400mil SOJ
17
18
A14
A13
20
19
NC
A18


유사한 부품 번호 - GS74108J-10I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS74108AGJ-10 GSI-GS74108AGJ-10 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-10I GSI-GS74108AGJ-10I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12 GSI-GS74108AGJ-12 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12I GSI-GS74108AGJ-12I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-8 GSI-GS74108AGJ-8 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
More results

유사한 설명 - GS74108J-10I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com