전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4661 데이터시트(PDF) 12 Page - Linear Technology

부품명 LTM4661
상세설명  15V, 4A Step-Up 關Module Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM4661 데이터시트(HTML) 12 Page - Linear Technology

Back Button LTM4661 Datasheet HTML 8Page - Linear Technology LTM4661 Datasheet HTML 9Page - Linear Technology LTM4661 Datasheet HTML 10Page - Linear Technology LTM4661 Datasheet HTML 11Page - Linear Technology LTM4661 Datasheet HTML 12Page - Linear Technology LTM4661 Datasheet HTML 13Page - Linear Technology LTM4661 Datasheet HTML 14Page - Linear Technology LTM4661 Datasheet HTML 15Page - Linear Technology LTM4661 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM4661
12
4661f
For more information www.linear.com/LTM4661
µModule—asthestandarddefinesforθJCtopandθJCbottom,
respectively.Inpractice,powerlossisthermallydissipated
in both directions away from the package—granted, in
the absence of a heat sink and airflow, a majority of the
heat flow is into the board.
Within a SIP (system-in-package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JESD51-9 to predict power loss heat flow and temperature
readingsatdifferentinterfacesthatenablethecalculationof
theJEDEC-definedthermalresistancevalues;(3)themodel
and FEA software is used to evaluate the µModule with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamber while operating the device at the same power
loss as that which was simulated. An outcome of this
process and due diligence yields a set of derating curves
provided in other sections of this data sheet. After these
laboratory tests have been performed and correlated to
the µModule model, then the θJB and θBA are summed
togethertocorrelatequitewellwiththeµModulemodelwith
no airflow or heat sinking in a properly defined chamber.
This θJB + θBA value is shown in the Pin Configuration
section and should accurately equal the θJA value because
approximately 100% of power loss flows from the junc-
tion through the board into ambient with no airflow or top
mounted heat sink.
The 5V, 8V, 12V and 15V output power loss curves in
Figures 4 to 7 can be used in coordination with the load
current derating curves in Figures 8 to 14 for calculating
an approximate θJA thermal resistance for the LTM4661
with various heat sinking and airflow conditions. The
power loss curves are taken at room temperature and
are increased with multiplicative factors according to the
ambient temperature. These approximate factors is 1.4
assuming the junction temperature at 110°C. The output
voltages are chosen to include the lower and higher out-
put voltage ranges for correlating the thermal resistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
ambient temperature change is factored into the derating
APPLICATIONS INFORMATION
Figure 3. Graphical Representation of JESD51-12 Thermal Coefficients
4661 F03
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE


유사한 부품 번호 - LTM4661

제조업체부품명데이터시트상세설명
logo
Analog Devices
LTM4661 AD-LTM4661 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
More results

유사한 설명 - LTM4661

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
   Integrated 4A Switch PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Linear Technology
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com