전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4661 데이터시트(PDF) 17 Page - Linear Technology

부품명 LTM4661
상세설명  15V, 4A Step-Up 關Module Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM4661 데이터시트(HTML) 17 Page - Linear Technology

Back Button LTM4661 Datasheet HTML 12Page - Linear Technology LTM4661 Datasheet HTML 13Page - Linear Technology LTM4661 Datasheet HTML 14Page - Linear Technology LTM4661 Datasheet HTML 15Page - Linear Technology LTM4661 Datasheet HTML 16Page - Linear Technology LTM4661 Datasheet HTML 17Page - Linear Technology LTM4661 Datasheet HTML 18Page - Linear Technology LTM4661 Datasheet HTML 19Page - Linear Technology LTM4661 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTM4661
17
4661f
For more information www.linear.com/LTM4661
APPLICATIONS INFORMATION
Figure 17. 3.3V Input to 5V Output, at 2A Design
Figure 18. 3.3V to 5V Input, 12V Output Design with External Clock
Figure 19. Two LTM4661 Module Parallel Design for 8V/2A Output Running at 1.2MHz
COUT
22µF ×2
16V
CIN
22µF ×2
6.3V
R1
31.6k
4661 F17
2.2µF
LTM4661 VOUT
FB
VOUT
5V/2A
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
VIN
3.3V
COUT
22µF ×2
25V
CIN
22µF ×2
6.3V
R2
11k
140k
4661 F18
3MHz CLOCK
SWITCHING FREQUENCY = CLOCK FREQUENCY/2
2.2µF
LTM4661
VOUT
FB
VOUT
12V/0.8A
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
VIN
3.3V TO 5V
22µF ×2
25V
22µF ×2
6.3V
8.87k
4661 F19
22µF ×2
25V
22µF ×2
6.3V
LTC6802 SET TO
2-PHASE 2.4MHz CLOCK OUTPUT
SWITCHING FREQUENCY = CLOCK FREQUENCY/2
1µF
83.5k
2.2µF
2.2µF
LTM4661
VOUT
FB
VIN
SDB
MODE/SYNC
INTVCC
FREQ COMP
GND
LTM4661
VOUT
FB
VOUT
8V/2A
VIN
SDB
MODE/SYNC
INTVCC
LTC6902
V+
DIV
PH
OUT1
OUT2
10
9
8
7
6
SET
MOD
GND
OUT4
OUT3
1
2
3
4
5
FREQ COMP
COMP
COMP
GND
VIN
3.3V TO 5V
INTVCC
INTVCC


유사한 부품 번호 - LTM4661

제조업체부품명데이터시트상세설명
logo
Analog Devices
LTM4661 AD-LTM4661 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
More results

유사한 설명 - LTM4661

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
   Integrated 4A Switch PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Linear Technology
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com