전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB560L 데이터시트(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

부품명 SB560L
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
홈페이지  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SB560L 데이터시트(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SB560L Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SB560L Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
SB560L
Fig.1 Typical Forward Characteristics
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VF, Forward Voltage (V)
TJ = 75°C
TJ = 25°C
TJ = 150°C
TJ = 100°C
0
1
2
3
4
5
6
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 25°C
TJ = 100°C
10
100
1000
10000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
Fig.2 Typical Reverse Characteristics
Fig.3 Forward Current Derating Curve
Fig.4 Typical Junction Capacitance under Bias


유사한 부품 번호 - SB560L

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB560L PANJIT-SB560L Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
SB560L CHONGQING-SB560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
SB560L-Z21D-B UTC-SB560L-Z21D-B Datasheet
117Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB560L-Z21D-R UTC-SB560L-Z21D-R Datasheet
121Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB560L PANJIT-SB560L_16 Datasheet
248Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB560L

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com