전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM8053 데이터시트(PDF) 28 Page - Linear Technology

부품명 LTM8053
상세설명  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 데이터시트(HTML) 28 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 20Page - Linear Technology LTM8053 Datasheet HTML 21Page - Linear Technology LTM8053 Datasheet HTML 22Page - Linear Technology LTM8053 Datasheet HTML 23Page - Linear Technology LTM8053 Datasheet HTML 24Page - Linear Technology LTM8053 Datasheet HTML 25Page - Linear Technology LTM8053 Datasheet HTML 26Page - Linear Technology LTM8053 Datasheet HTML 27Page - Linear Technology LTM8053 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM8053
28
8053fc
For more information www.linear.com/LTM8053
LINEAR TECHNOLOGY CORPORATION 2016
LT 1217 REV C • PRINTED IN USA
www.linear.com/LTM8053
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM8003
40V, 3.5A H-Grade (150°C Operation),
FMEA Compliant Pinout
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, IOUT = 3.5A, 6.25mm × 9mm × 3.32mm
BGA Package
LTM8021
36V, 500mA Step-Down µModule
Regulator
3V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 5V
LTM8023
36V, 2A Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V
LTM8032
36V, 2A Low EMI Step-Down µModule
Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, EN55022B Compliant
LTM8033
36V, 3A Low EMI Step-Down µModule
Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, EN55022B Compliant
LTM8026
36V, 5A CVCC Step-Down µModule
Regulator
6V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 24V, Constant Voltage Constant Current Operation
LTM4613
36V, 8A Low EMI Step-Down µModule
Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, EN55022B Compliant
LTM8027
60V, 4A Step-Down µModule Regulator 4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V
LTM8050
58V, 2A Step-Down µModule Regulator 3.6V ≤ VIN ≤ 58V, 0.8V ≤ VOUT ≤ 24V
0.97VOUT from 3.4VIN to 40VIN Step-Down Converter with Spread Spectrum. BIAS Is Tied to an External 3.3V Source
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
4.7µF
100µF
×2
47pF
LTM8053
VOUT
FB
AUX
VOUT
0.97V
4A
VIN
VIN
3.4V TO 40V
EXT 3.3V
GND
RUN
RT
8053 TA07
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
100k
450kHz
BIAS
SYNC


유사한 부품 번호 - LTM8053

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
LTM8053 LINEAR-LTM8053 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8053 LINER-LTM8053 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
More results

유사한 설명 - LTM8053

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com