전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM8055 데이터시트(PDF) 6 Page - Linear Technology

부품명 LTM8055
상세설명  36VIN, 8.5A Buck-Boost 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 데이터시트(HTML) 6 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 2Page - Linear Technology LTM8055 Datasheet HTML 3Page - Linear Technology LTM8055 Datasheet HTML 4Page - Linear Technology LTM8055 Datasheet HTML 5Page - Linear Technology LTM8055 Datasheet HTML 6Page - Linear Technology LTM8055 Datasheet HTML 7Page - Linear Technology LTM8055 Datasheet HTML 8Page - Linear Technology LTM8055 Datasheet HTML 9Page - Linear Technology LTM8055 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM8055
6
8055fb
For more information www.linear.com/LTM8055
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs Output
Current (24VOUT)
Temperature Rise vs Output
Current (36VOUT)
Output Voltage Ripple, Unmodified
DC2017A Demo Board 12VOUT
Maximum Output Current vs
CTL Voltage, Unmodified
DC2017A, 12VIN
Start-Up Behavior, DC2017A,
24VIN, 3A Resistive Load
Temperature Rise vs Output
Current (8VOUT)
Temperature Rise vs Output
Current (12VOUT)
Temperature Rise vs Output
Current (18VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G19
6
8
10
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G20
6
8
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G21
6
8
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G22
6
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G23
5
0
1
2
3
4
5VIN
12VIN
24VIN
36VIN
2V/DIV
8055 G25
500µs/DIV
NO CSS
CSS = 0.022µF
CSS = 0.22µF
CTL VOLTAGE (V)
8
7
6
5
4
3
2
1
0
8055 G26
1.2
1.4
1
0
0.4
0.2
0.8
0.6
24VIN
6A LOAD
(BUCK)
100mV/DIV
12VIN
6A LOAD
(BUCK-BOOST)
100mV/DIV
6VIN
3A LOAD
(BOOST)
100mV/DIV
8055 G24
0.5µs/DIV
MEASURED WITH HP461N
150MHz AMPLIFIER


유사한 부품 번호 - LTM8055

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8055 LINER-LTM8055 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8055 AD-LTM8055 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM8055 AD-LTM8055 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
LTM8055 AD-LTM8055 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results

유사한 설명 - LTM8055

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
   36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
   36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
   36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com