전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV3378-S-00A 데이터시트(PDF) 8 Page - Monolithic Power Systems

부품명 EV3378-S-00A
상세설명  4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV3378-S-00A 데이터시트(HTML) 8 Page - Monolithic Power Systems

  EV3378-S-00A Datasheet HTML 1Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 2Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 3Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 4Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 5Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 6Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 7Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EV3378-S-00A – 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3378-S-00A Rev. 1.0
www.MonolithicPower.com
8
2/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. For Boost LED Controller, connect the positive and negative terminals of the load panel (10
white LEDs in series, 4 stings) to the LED and LED1~4 pins on the EV board, respectively.
For Buck Converter, connect the load between Vout to GND.
2. Connect the positive and negative terminals of the power supply (8V ~ 24V) to the VIN and
GND pins on the EV board, respectively. Then the Buck Converter will work.
3. Pull both PWM and A-DIM pin to high level (1.5-5V).
4. Pull EN/BL pin high (1.5-5V) to enable the Boost LED Controller.
5. For PWM dimming, apply a PWM rectangular waveform with a minimum voltage less than 0.4V
and a maximum greater than 1.5V on PWM pin. The LED current is chopped by PWM signal.
The frequency of the PWM signal is recommended between 200Hz to 2kHz.
6. For analog dimming, apply a DC waveform with a voltage between 0.4 and 1.5V on A-DIM pin;
or a PWM rectangular waveform with a minimum voltage less than 0.4V and a maximum greater
than 1.5V on A-DIM pin, the frequency of the PWM signal is recommended >=20kHz. The
amplitude of LED current linearly follows the voltage of A-DIM or the duty of the PWM signal.


유사한 부품 번호 - EV3378-S-00A

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
EV3378E-F-00A MPS-EV3378E-F-00A Datasheet
565Kb / 8P
   4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
More results

유사한 설명 - EV3378-S-00A

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
   Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
logo
Active-Semi, Inc
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com