전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LV-CK7P 데이터시트(PDF) 10 Page - OSRAM GmbH

부품명 LV-CK7P
상세설명  SMD ceramic package with silicon resin with lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LV-CK7P 데이터시트(HTML) 10 Page - OSRAM GmbH

Back Button LV-CK7P Datasheet HTML 6Page - OSRAM GmbH LV-CK7P Datasheet HTML 7Page - OSRAM GmbH LV-CK7P Datasheet HTML 8Page - OSRAM GmbH LV-CK7P Datasheet HTML 9Page - OSRAM GmbH LV-CK7P Datasheet HTML 10Page - OSRAM GmbH LV-CK7P Datasheet HTML 11Page - OSRAM GmbH LV-CK7P Datasheet HTML 12Page - OSRAM GmbH LV-CK7P Datasheet HTML 13Page - OSRAM GmbH LV-CK7P Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2012-05-21
10
Version 1.1
LV CK7P
Max. Permissible Forward Current 8) page 20
Maximal zulässiger Durchlassstrom 8) Seite 20
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, T
S = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, T
S = 85 °C
LVCK7P
020
40
60
80
100
120
TS [°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
IF [mA]
Do not use below 30 mA
: TS
0.8
-5
F
I
A
tp
s
OHL04184
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
0.01
0.33
0.5
0.2
0.1
0.02
D
0.005
=
0.05
1
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1
0.8
-5
F
I
A
tp
s
OHL04183
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
0.01
0.33
0.5
0.2
0.1
0.02
D
0.005
=
0.05
1
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1


유사한 부품 번호 - LV-CK7P

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LV-CQBP OSRAM-LV-CQBP Datasheet
1,011Kb / 23P
   SMD ceramic package with silicone lens
More results

유사한 설명 - LV-CK7P

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
   SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
   SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
   SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
   SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
   SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com