전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7020-2EPA 데이터시트(PDF) 20 Page - Infineon Technologies AG

부품명 BTS7020-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA 데이터시트(HTML) 20 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 16Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 17Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 18Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 19Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 20Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 21Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 22Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 23Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Data Sheet
20
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Power Supply
Table 10
Electrical Characteristics: Power Supply BTS7020-2EPA
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Power Supply Current
Consumption in Sleep Mode
with Loads at TJ ≤ 85 °C
IVS(SLEEP)_85 –0.03
0.6
µA
1)
VS = 18 V
VOUT = 0 V
IN = DEN = “low”
TJ ≤ 85 °C
1) Not subject to production test - specified by design
P_6.5.4.1
Power Supply Current
Consumption in Sleep Mode
with Loads at TJ = 150 °C
IVS(SLEEP)_150 –4
16
µA
VS = 18 V
VOUT = 0 V
IN = DEN = “low”
TJ = 150 °C
P_6.5.4.2
Operating Current in Active
Mode (all Channels ON)
IGND(ACTIVE)
–3
4
mA
VS = 18 V
IN = DEN = “high”
P_6.5.4.3
Operating Current in Stand-
by Mode
IGND(STBY)
–1.2
1.8
mA
VS = 18 V
IN = “low”
DEN = “high”
P_6.5.4.5


유사한 부품 번호 - BTS7020-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7020-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com